Electronic Components Datasheet Search
  English  ▼

X  

UPD4724 Datasheet(PDF) 1 Page - NEC

Part # UPD4724
Description  RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4724 Datasheet(HTML) 1 Page - NEC

  UPD4724 Datasheet HTML 1Page - NEC UPD4724 Datasheet HTML 2Page - NEC UPD4724 Datasheet HTML 3Page - NEC UPD4724 Datasheet HTML 4Page - NEC UPD4724 Datasheet HTML 5Page - NEC UPD4724 Datasheet HTML 6Page - NEC UPD4724 Datasheet HTML 7Page - NEC UPD4724 Datasheet HTML 8Page - NEC UPD4724 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©
1993
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD4724
Document No. S12201EJ2V0DS00 (2nd edition)
(Previous No. IC-3228)
Date Published January 1997 N
Printed in Japan
RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
The
µPD4724 is a high breakdown voltage silicon gate CMOS line driver/receiver based on the EIA/TIA-232-E
standard. This IC features various functions, such as standby, and incorporates a DC/DC converter that switches boost
multiples, enabling operation at both +3.3 V and +5 V single supply voltage.
The
µPD4724 incorporates three drivers and five receivers, so an RS-232 interface circuit can be easily constructed
by connecting five external capacitors.
FEATURES
•
Based on EIA/TIA-232-E (RS-232-C) standard.
•
Single power supply: +3.3 V or +5 V (selectable with the VCHA pin)
•
Standby mode: Setting the standby pin to low level switches this IC into the standby mode and makes
the driver outputs high-impedance.
•
Enable mode: When the enable pin is high level during the standby mode, two receivers can operate as inverters
without hysteresis width (The other three receivers are fixed to high level).
ORDERING INFORMATION
Part number
Package
µPD4724GS-GJG
30-pin plastic shrink SOP (300 mil)


Similar Part No. - UPD4724

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD4724 RENESAS-UPD4724 Datasheet
367Kb / 18P
MOS INTEGRATED CIRCUIT
1993
UPD4724GS-GJG RENESAS-UPD4724GS-GJG Datasheet
367Kb / 18P
MOS INTEGRATED CIRCUIT
1993
More results

Similar Description - UPD4724

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4721 NEC-UPD4721 Datasheet
123Kb / 16P
RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
UPD4722 NEC-UPD4722 Datasheet
132Kb / 16P
RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
UPD4723 NEC-UPD4723 Datasheet
125Kb / 16P
RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
logo
Texas Instruments
SN75LV4737A TI-SN75LV4737A Datasheet
193Kb / 13P
3.3-V/5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
logo
Analog Devices
ADM3101E AD-ADM3101E Datasheet
164Kb / 10P
3.3 V, Single Channel RS-232 Line Driver/Receiver
ADM3232E AD-ADM3232E Datasheet
266Kb / 12P
-15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
12/06-Revision 0
logo
Texas Instruments
SN75LV4735 TI1-SN75LV4735 Datasheet
181Kb / 11P
3.3-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
SN75LV4737A TI1-SN75LV4737A_08 Datasheet
415Kb / 17P
3.3-V/5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX202 TI1-MAX202_15 Datasheet
746Kb / 20P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
logo
Analog Devices
ADM3232E AD-ADM3232E_V01 Datasheet
232Kb / 12P
±15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com