Electronic Components Datasheet Search
  English  ▼

X  

UM0527 Datasheet(PDF) 53 Page - STMicroelectronics

Part # UM0527
Description  UPS evaluation board
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0527 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button UM0527 Datasheet HTML 49Page - STMicroelectronics UM0527 Datasheet HTML 50Page - STMicroelectronics UM0527 Datasheet HTML 51Page - STMicroelectronics UM0527 Datasheet HTML 52Page - STMicroelectronics UM0527 Datasheet HTML 53Page - STMicroelectronics UM0527 Datasheet HTML 54Page - STMicroelectronics UM0527 Datasheet HTML 55Page - STMicroelectronics UM0527 Datasheet HTML 56Page - STMicroelectronics UM0527 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
UM0527
Technical description
53/66
0 R
R5,R3
Yageo
2
RC 1206 J R-07 0R L
1,25 A
F1, F3
ESKA
1
RFTQ 1.25A
1.5 k
Ω
R141
Yageo
1
RC 0805 J R-07 1K5 L
1.5 nF
C115,C118,C116,C117
Yageo
4
CC0805KRX7R9BB152
1.5 µH / 10 A
L2,L1
Richco
2
RI-RRH50-15-110
1:1000
L8
DTW
1
1000CT1307C
1 M
R162
Yageo
1
RC 0805 J R-07 1M L
1 k
Ω 3 W
R35,R34
Royal
Ω
2
MOR I 3W J 102 T 1 0
1 k
Ω
R154,R38,R37,R26,R155
Yageo
5
RC 0805 J R-07 1K L
1 nF 1 kV
C86
Vishay
1
1DF0D10
1 nF 500 V
C99
Vishay
1
1DF0D10
1 nF
C38,C34,C49,C73,C43,C37
Yageo
6
CC 0805 M R X7R 9 B B
102
1 µF 400 V
C87
EVOX Rifa
1
PHE426KF7100J
1 µF / 50 V
C110
Kemet
1
C06(4)(1)105K5X5C(2)
2.2 k
Ω
R119,R175,R118,R121,R120
Yageo
5
RC 0805 J R-07 2K2 L
2.2 µF/50 V
C109
Yageo
1
SH050M2R20A5F-0511
2.4 k
Ω
R148
Yageo
1
RC 0805J R-07 2K4 L
2 k
Ω
R176,R49,R161
Yageo
3
RC 0805 F R-07 2K L
3,15 A 250 V
F2
ESKA
1
RFTQ 3.15A
3.3 k
Ω
R115,R114,R116,R36,R113
Yageo
5
RC 0805 J R-07 3K3 L
3.3 k
Ω
R142
Yageo
1
RC 1206 J R-07 3K3 L
4,7 nF
C120,C119
Vishay
2
VY2472M49Y5US6*V7
4.3 k
Ω
R144,R143
Yageo
2
RC 0805 J R-07 4K3 L
4.7 R 3 W
R52
Royal
Ω
1
MOR I 3W J 47J T 1 0
4.7 k
Ω
R48,R110,R39,R43,R41,R42,
R46,R86,R45,R40,R47,R44,R50,
R51
Yageo
14
RC 0805 J R-07 4K7 L
4.7 k
Ω
R145,R146
Yageo
2
RC 1206 J R-07 4K7 L
4.7 nF
C33
Yageo
1
CC 0805 M R X7R 9 B B
473
4.7 µH
L4,L7,L3,L5,L6
Vishay
5
IMC1210-4.7
5.6 k
Ω
R30
Yageo
1
RC 0805 F R-07 5K6 L
5.6 k
Ω
R139
Yageo
1
RC 1206 J R-07 5K6 L
6.3x0.8
J8,J10,J7,J5,J4,J9,J11,J6,J3,J17
Zierick
10
836/836-Tape
6.8 k
Ω
R150,R149,R29,R151
Yageo
4
RC 0805 F R-07 6K8 L
Table 27.
Bill of material for 120 Vac version (continued)
Part type
Designator
Manufacturer
Qty
Ordering code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com