Electronic Components Datasheet Search
  English  ▼

X  

UM0527 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0527
Description  UPS evaluation board
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0527 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0527 Datasheet HTML 10Page - STMicroelectronics UM0527 Datasheet HTML 11Page - STMicroelectronics UM0527 Datasheet HTML 12Page - STMicroelectronics UM0527 Datasheet HTML 13Page - STMicroelectronics UM0527 Datasheet HTML 14Page - STMicroelectronics UM0527 Datasheet HTML 15Page - STMicroelectronics UM0527 Datasheet HTML 16Page - STMicroelectronics UM0527 Datasheet HTML 17Page - STMicroelectronics UM0527 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
General description
UM0527
14/66
The battery charger is used as a battery charger for the mains mode or as a reactive power
recirculation circuit for the inverter mode. For both modes the charger output power is
accepted by the battery. The charger power converter is built in quasi-resonant flyback
mode based on the controller L6565 with external power switch Q1 and output diode D1.
The PWM controller is powered from the main UPS supply module and from the auxiliary
winding on the flyback transformer. The transformer is designed with the ETD29 core. The
CHOFF signal is used to switch (Q2 and Q3 STP80PF55) charging modes by the
microcontroller. An additional output voltage loop limits open output charger voltage. The
charger module also contains a battery overvoltage protection circuit with SCR TYN608 and
voltage reference TL431.
Table 3.
Battery charger specifications
AC/DC converter
120 Vac version
230 Vac version
Max output voltage
29 Vdc ± 5%
Max output power
50 W
Efficiency
>80%
Minimal switching frequency
100kHz ± 10%
Controller U1
L6565
Power switch Q11
STP5NK90Z
Transformer core
ETD29
Rectifier diode D1
STPS8H100
Clamp diode D3
STTA106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com