Electronic Components Datasheet Search
  English  ▼

X  

UM0527 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM0527
Description  UPS evaluation board
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0527 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM0527 Datasheet HTML 21Page - STMicroelectronics UM0527 Datasheet HTML 22Page - STMicroelectronics UM0527 Datasheet HTML 23Page - STMicroelectronics UM0527 Datasheet HTML 24Page - STMicroelectronics UM0527 Datasheet HTML 25Page - STMicroelectronics UM0527 Datasheet HTML 26Page - STMicroelectronics UM0527 Datasheet HTML 27Page - STMicroelectronics UM0527 Datasheet HTML 28Page - STMicroelectronics UM0527 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
UM0527
General description
25/66
1.1.18
Detailed description of mechanics
The standard enclosure dimensions are as follows:
●
Main PCB:
–
Dimensions: 230 x 160 mm
–
Type: double-sided GE (glass - epoxy), FR4 with SMOBC
●
LEDs and button PCB:
–
Dimensions: 80 x 25 mm
–
Type: single-sided GE (glass - epoxy), FR4 with SMOBC
LEDG
Active
Active
Active
Active
Active
Active
Inactive
LEDY
Active
Active
Active
Active
Active
Active
Inactive
TX
Active
Active
Active
Active
Active
Active
Inactive
RX
Active
Active
Active
Active
Active
Active
Inactive
USB_IN!
H or L
H or L
H or L
H or L
H or L
H or L
L
BAT_LOW
L
L
L
H or L
H or L
L
L
UPS_OFF!
H or L
H or L
H or L
H or L
H
H
L
MOSI
Active
Active
Active
Active
Active
Active
Inactive
ICC_SEL
L
L
L
L
L
L
Active(1)
ICC_DATA/
MISO
L/ Active
L/ Active
L/ Active
L/ Active
L/ Active
L/ Active
Active(1)/
Inactive
ICC_CLK/
SCK
L/ Active
L/ Active
L/ Active
L/ Active
L/ Active
L/ Active
Active(1)/
Inactive
PHASE
Active
Active
Active
Active
Active
Active
Inactive
INP_LEV
Active
Active
Active
Active
Active
Active
Inactive
OUT_LEV
Inactive
Inactive
Inactive
Active
Inactive
Inactive
Inactive
PWR_LEV
Active
Active
Active
Active
Inactive
Inactive
Inactive
1.
Programming microcontroller only
H - high level +5 Vdc
L - low level 0 Vdc
Active - active signal
Inactive - inactive signal
Table 6.
Signals functions table (continued)
Mains
mode
Boost
mode
Buck mode
Inverter
mode
Standby
mode
Standby
charge mode
Off mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com