Electronic Components Datasheet Search
  English  ▼

X  

UM0900 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM0900
Description  1 kW 3-phase motor control demonstration board featuring
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0900 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM0900 Datasheet HTML 12Page - STMicroelectronics UM0900 Datasheet HTML 13Page - STMicroelectronics UM0900 Datasheet HTML 14Page - STMicroelectronics UM0900 Datasheet HTML 15Page - STMicroelectronics UM0900 Datasheet HTML 16Page - STMicroelectronics UM0900 Datasheet HTML 17Page - STMicroelectronics UM0900 Datasheet HTML 18Page - STMicroelectronics UM0900 Datasheet HTML 19Page - STMicroelectronics UM0900 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
Board description
UM0900
16/43
Doc ID 17028 Rev 1
are available like: integrated op-amp for signal conditioning, integrated comparators for
overcurrent or short-circuit protection, and the “SMART SHUTDOWN” function. Please refer
to the STGIPL14K60 datasheets for more information.
3.3.4
Brake function
A hardware brake feature is implemented on the STEVAL-IHM025V1 demonstration board.
This feature connects the external dummy load applied to the J6 connector to the bus, to
eliminate overvoltage generated while the motor acts as a generator. Voltage on the bus is
sensed through a voltage divider net, with R32, R33 and R42 resistors, and it is compared
to the voltage reference built around the precise voltage reference U3. The brake dummy
load is switched on when voltage on the bus reaches 445 VDC and is switched off when the
voltage falls below 420 VDC. The brake function can be activated by the microcontroller
thanks to the motor-control connector (please set the W3 jumper in position “A”). The brake
threshold levels can be modified by calculating R32, R33, R42 and R45 new values.
3.3.5
Overcurrent protection
Hardware overcurrent protection (OCP) is implemented on the board. STGIPL14K60
integrates three internal comparators. Thanks to the internal connection between the
comparator output and shutdown block (see Figure 9), the intervention time of overcurrent
protection is extremely low, ranging slightly above 200 ns (Smart Shutdown).
The overcurrent protection acts as soon as the voltage on the CIN pin rises above the
internal voltage reference (typical value is 0.53 V). Considering the default value of the
shunt resistor, it follows that the maximum allowed current is equal to:
Equation 1
Note:
R3 is not connected on the STEVAL-IHM025V1.
With the default values this gives:
●
ISHUNT_MAX = 7 A
I
SHU NT MAX
V
REF
R
SHUNT
----------------------
1
R1
R2
--------
+
⎝⎠
⎛⎞
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com