Electronic Components Datasheet Search
  English  ▼

X  

UM0900 Datasheet(PDF) 26 Page - STMicroelectronics

Part # UM0900
Description  1 kW 3-phase motor control demonstration board featuring
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0900 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button UM0900 Datasheet HTML 22Page - STMicroelectronics UM0900 Datasheet HTML 23Page - STMicroelectronics UM0900 Datasheet HTML 24Page - STMicroelectronics UM0900 Datasheet HTML 25Page - STMicroelectronics UM0900 Datasheet HTML 26Page - STMicroelectronics UM0900 Datasheet HTML 27Page - STMicroelectronics UM0900 Datasheet HTML 28Page - STMicroelectronics UM0900 Datasheet HTML 29Page - STMicroelectronics UM0900 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
Description of jumpers, test pins and connectors
UM0900
26/43
Doc ID 17028 Rev 1
Table 5.
Connector pinout description
Name
Reference
Description / pinout
J1
Supply connector
1 - L- phase
2 - N- neutral
3 - PE- protected earth
4 - PE- protected earth
J2
Motor connector
A - phase A
B - phase B
C - phase C
J3
BEMF daughterboard connector
1 - phase A
2 - phase B
3 - phase C
4 - bus voltage
5 - 3.3 VDC
6 - VDD_micro
7 - GND
8 - PWM VREF
J4
Motor control connector
1 - emergency stop
2 - GND
3 - PWM - 1H
4 - GND
5 - PWM-1L
6 - GND
7 - PWM-2H
8 - GND
9 - PWM-2L
10 - GND
11 - PWM-3H
12 - GND
13 - PWM-3L
14 - HV bus voltage
15 - current phase A
16 - GND
17 - current phase B
18 - GND
19 - current phase C
20 - GND
21 - NTC bypass relay
22 - GND
23 - dissipative brake PWM
24 - GND
25 - +V power
26 - heatsink temperature
27 - PFC sync.
28 - VDD_m
29 - PWM VREF
30 - GND
31 - measure phase A
32 - GND
33 - measure phase B
34 - measure phase C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com