Electronic Components Datasheet Search
  English  ▼

X  

UM0900 Datasheet(PDF) 38 Page - STMicroelectronics

Part # UM0900
Description  1 kW 3-phase motor control demonstration board featuring
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0900 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button UM0900 Datasheet HTML 34Page - STMicroelectronics UM0900 Datasheet HTML 35Page - STMicroelectronics UM0900 Datasheet HTML 36Page - STMicroelectronics UM0900 Datasheet HTML 37Page - STMicroelectronics UM0900 Datasheet HTML 38Page - STMicroelectronics UM0900 Datasheet HTML 39Page - STMicroelectronics UM0900 Datasheet HTML 40Page - STMicroelectronics UM0900 Datasheet HTML 41Page - STMicroelectronics UM0900 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
Ordering information
UM0900
38/43
Doc ID 17028 Rev 1
9
Ordering information
The demonstration board is available through the standard ordering system, the order code
is: STEVAL-IHM025V1. The items delivered include the assembled application board, board
documentation, PCB fabrication data such as gerber files, assembly files (pick and place)
and component documentation.
10
Using the STEVAL-IHM025V1 with STM32 FOC
firmware library
STM32 FOC firmware library v2.0 is a firmware library running on the STM3210B-MCKIT
which allows the performing of the FOC of a PMSM in configuration with and without
sensors.
This section describes the modifications to be applied to the STM32 FOC firmware library
v2.0 in order to make the firmware compatible with the STEVAL-IHM025V1.
10.1
Environmental considerations
Warning:
The STEVAL-IHM025V1 demonstration board must only be
used in a power laboratory. The voltage used in the drive
system presents a shock hazard.
The kit is not electrically isolated from the DC input. This topology is very common in motor
drives. The microprocessor is grounded by the integrated ground of the DC bus. The
microprocessor and associated circuitry are hot and MUST be isolated from user controls
and communication interfaces.
Warning:
All measuring equipment must be isolated from the main
power supply before powering up the motor drive. To use an
oscilloscope with the kit, it is safer to isolate the DC supply
AND the oscilloscope. This prevents shock occurring as
a result of touching any SINGLE point in the circuit, but does
NOT prevent shock when touching two or more points in the
circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com