Electronic Components Datasheet Search
  English  ▼

X  

UM0969 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM0969
Description  3-phase motor control demonstration board featuring IGBT intelligent power module STGIPS10K60A
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0969 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM0969 Datasheet HTML 12Page - STMicroelectronics UM0969 Datasheet HTML 13Page - STMicroelectronics UM0969 Datasheet HTML 14Page - STMicroelectronics UM0969 Datasheet HTML 15Page - STMicroelectronics UM0969 Datasheet HTML 16Page - STMicroelectronics UM0969 Datasheet HTML 17Page - STMicroelectronics UM0969 Datasheet HTML 18Page - STMicroelectronics UM0969 Datasheet HTML 19Page - STMicroelectronics UM0969 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
Board description
UM0969
16/46
Doc ID 17665 Rev 2
The op amp is used in follower mode and its gain can be set by resistor r and R:
Equation 6
VOUT (op amp output voltage) can be calculated as a sum of two components:
●
VBIAS: due to network polarization
●
VSIGN: the signal component
Equation 7
VOUT maximum value is 3.3 V according to the MCU input maximum rating.
Equation 8
Equation 9
With the default values:
●
G = 12
●
VBIAS = 0.3 V
●
Maximum current amplifiable without distortion is 5 A
It is possible to modify the maximum current value by simply changing the resistor values.
2.3.6
Tachometer and Hall/encoder input
Both the tachometer and Hall/encoder inputs have been implemented on the STEVAL-
IHM027V1. In the case of using a Hall or encoder sensor, the W1, W3, and W7 jumpers
must be connected and the W8 jumper disconnected. The W5 jumper set in position A
allows any connected Hall sensor to be supplied with the same supply voltage of the MCU
(+3.3 VDC or +5 VDC depend on the W1 jumper). Setting the W12 jumper to position B
supplies the Hall sensor directly with +5 VDC, which is the most common voltage for a Hall
sensor. In the case of using a tachometer, the W1, W3, and W7 jumpers must be
disconnected and the W8 jumper connected. This type of adjustable feature allows for the
testing and evaluating of motors with a wide spectrum of various sensors.
2.3.7
Temperature feedback and overtemperature protection (OTP)
The STGIPS10K60A integrates an NTC for temperature monitoring purposes. A simple
voltage divider is realized with the internal NTC (see Table 2 for NTC details) and resistor
R56. The temperature monitoring signal is sent to the MCU through J3 connector (pin 26
HEATSINK TEMPERATURE) and can be read with an AD converter.
r
r
R
G
+
=
BIAS
SIGN
OUT
V
V
V
+
=
G
4
R
2
R
1
R
1
3
R
1
4
R
1
5
)]
2
R
1
R
/(
1
R
[
V
BIAS
⋅
⋅
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
+
+
=
⋅
⋅
⋅
G
1
R
2
R
)
4
R
//
3
R
(
Rs
I
)
2
R
)
4
R
//
3
R
((
VSIGN
⋅
+
+
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com