Electronic Components Datasheet Search
  English  ▼

X  

UM0969 Datasheet(PDF) 38 Page - STMicroelectronics

Part # UM0969
Description  3-phase motor control demonstration board featuring IGBT intelligent power module STGIPS10K60A
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0969 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button UM0969 Datasheet HTML 34Page - STMicroelectronics UM0969 Datasheet HTML 35Page - STMicroelectronics UM0969 Datasheet HTML 36Page - STMicroelectronics UM0969 Datasheet HTML 37Page - STMicroelectronics UM0969 Datasheet HTML 38Page - STMicroelectronics UM0969 Datasheet HTML 39Page - STMicroelectronics UM0969 Datasheet HTML 40Page - STMicroelectronics UM0969 Datasheet HTML 41Page - STMicroelectronics UM0969 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
Power losses and dissipation
UM0969
38/46
Doc ID 17665 Rev 2
fundamental) concept of thermal resistance must be considered, which is defined as the
difference in temperature between two closed isothermal surfaces divided by the total power
flow between them, Equation 18.
Equation 18
For semiconductor devices, typically, the important factors are the relation between Tj, IGBT
junction temperature, and a reference temperature, Tx. The selection of a reference point is
arbitrary, but usually the hottest spot on the back of a device, on which a heatsink is
attached, is chosen. This is called junction-to-case thermal resistance, Rφjc. When the
reference point is an ambient temperature, it is called junction-to-ambient thermal
resistance, Rφja. Both thermal resistances are used for the characterization of a device's
thermal performance.
The thermal resistance of the IPM is strictly related to the assembly process/material:
STGIPS10K60A is based on a DBC substrate that guarantees a higher isolation voltage and
an excellent thermal resistance value.
In practical operations, the power loss PD is cyclic and therefore the transient RC equivalent
thermal circuit, see Figure 16 and Table 10 for more details, should be considered. For
pulsed power loss, the thermal capacitance effect delays the rise in junction temperature,
and therefore permits a heavier loading of the IPM.
Figure 16.
Equivalent STGIPS10K60A thermal network (CAUER models)
Table 10.
RC - Cauer STGIPS10K60A thermal network
RC - Cauer STGIPS10K60A thermal network
R
Value [ºC/W]
C
Value [W*s/ºC]
R1
0.088
C1
0.32E-3
R2
0.0154
C2
0.63E-3
R3
0.316
C3
0.90E-4
R4
0.395E-2
C4
0.50E-3
R5
0.816
C5
0.50E-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com