Electronic Components Datasheet Search
  English  ▼

X  

UM0969 Datasheet(PDF) 43 Page - STMicroelectronics

Part # UM0969
Description  3-phase motor control demonstration board featuring IGBT intelligent power module STGIPS10K60A
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0969 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button UM0969 Datasheet HTML 38Page - STMicroelectronics UM0969 Datasheet HTML 39Page - STMicroelectronics UM0969 Datasheet HTML 40Page - STMicroelectronics UM0969 Datasheet HTML 41Page - STMicroelectronics UM0969 Datasheet HTML 42Page - STMicroelectronics UM0969 Datasheet HTML 43Page - STMicroelectronics UM0969 Datasheet HTML 44Page - STMicroelectronics UM0969 Datasheet HTML 45Page - STMicroelectronics UM0969 Datasheet HTML 46Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
UM0969
Hardware requirements
Doc ID 17665 Rev 2
43/46
12
Hardware requirements
To run the STEVAL-IHM027V1 together with the STM32 FOC firmware library, the following
items are required:
●
The board: STEVAL-IHM027V1
●
High voltage insulated AC power supply up to 230 VAC
●
J-link programmer (not included in the package)
●
J-link insulating board (not included in the package)
●
3-phase brushless motor with permanent magnet rotor or a generic 3-phase induction
motor (not included in the package)
●
Insulated oscilloscope (as needed)
●
Insulated multimeter (as needed).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46