Electronic Components Datasheet Search
  English  ▼

X  

LT1117 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1117
Description  800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1117 Datasheet(HTML) 2 Page - Linear Technology

  LT1117 Datasheet HTML 1Page - Linear Technology LT1117 Datasheet HTML 2Page - Linear Technology LT1117 Datasheet HTML 3Page - Linear Technology LT1117 Datasheet HTML 4Page - Linear Technology LT1117 Datasheet HTML 5Page - Linear Technology LT1117 Datasheet HTML 6Page - Linear Technology LT1117 Datasheet HTML 7Page - Linear Technology LT1117 Datasheet HTML 8Page - Linear Technology LT1117 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT1117/LT1117-2.85
LT1117-3.3/LT1117-5
2
1117fd
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Operating Voltage
LT1117, LT1117-3.3, LT1117-5 .........................15V
LT1117-2.85 .....................................................10V
Surge Voltage
LT1117, LT1117-3.3, LT1117-5 .........................20V
(Note 1)
FRONT VIEW
TAB IS
VOUT
IN
OUT
ADJ/GND
ST PACKAGE
3-LEAD PLASTIC SOT-223
3
2
1
TJMAX = 125°C, θJC = 15°C/W
M PACKAGE
3-LEAD PLASTIC DD-PAK
FRONT VIEW
3
2
1
IN
OUT
ADJ/GND
TAB IS
VOUT
TJMAX = 125°C, θJC = 10°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1117CST#PBF
LT1117CST#TRPBF
1117
3-Lead Plastic SOT-223
0°C to 125°C
LT1117IST#PBF
LT1117IST#TRPBF
1117I
3-Lead Plastic SOT-223
–40°C to 125°C
LT1117CST-2.85#PBF
LT1117CST-2.85#TRPBF
11172
3-Lead Plastic SOT-223
0°C to 125°C
LT1117IST-2.85#PBF
LT1117IST-2.85#TRPBF
1117I2
3-Lead Plastic SOT-223
–40°C to 125°C
LT1117CST-3.3#PBF
LT1117CST-3.3#TRPBF
11173
3-Lead Plastic SOT-223
0°C to 125°C
LT1117IST-3.3#PBF
LT1117IST-3.3#TRPBF
1117I3
3-Lead Plastic SOT-223
–40°C to 125°C
LT1117CST-5#PBF
LT1117CST-5#TRPBF
11175
3-Lead Plastic SOT-223
0°C to 125°C
LT1117IST-5#PBF
LT1117IST-5#TRPBF
1117I5
3-Lead Plastic SOT-223
–40°C to 125°C
LT1117CM#PBF
LT1117CM#TRPBF
LT1117CM
3-Lead Plastic DD-PAK
0°C to 125°C
LT1117CM-2.85#PBF
LT1117CM-2.85#TRPBF
LT1117CM-2.85
3-Lead Plastic DD-PAK
0°C to 125°C
LT1117CM-3.3#PBF
LT1117CM-3.3#TRPBF
LT1117CM-3.3
3-Lead Plastic DD-PAK
0°C to 125°C
LT1117CM-5#PBF
LT1117CM-5#TRPBF
LT1117CM-5
3-Lead Plastic DD-PAK
0°C to 125°C
Operating JunctionTemperature Range
C Grade.................................................. 0°C to 125°C
I Grade...............................................– 40°C to 125°C
Storage Temperature Range...................–65°C to 150°C
Lead Temperature ....................(See Soldering Methods)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com