Electronic Components Datasheet Search
  English  ▼

X  

LT1117 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1117
Description  800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1117 Datasheet(HTML) 4 Page - Linear Technology

  LT1117 Datasheet HTML 1Page - Linear Technology LT1117 Datasheet HTML 2Page - Linear Technology LT1117 Datasheet HTML 3Page - Linear Technology LT1117 Datasheet HTML 4Page - Linear Technology LT1117 Datasheet HTML 5Page - Linear Technology LT1117 Datasheet HTML 6Page - Linear Technology LT1117 Datasheet HTML 7Page - Linear Technology LT1117 Datasheet HTML 8Page - Linear Technology LT1117 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT1117/LT1117-2.85
LT1117-3.3/LT1117-5
4
1117fd
Minimum Operating Current
(Adjustable Device)
Short-Circuit Current
Load Regulation
INPUT/OUTPUT DIFFERENTIAL (V)
0
0
1
3
4
10
15
20
1117 G01
5
TJ = 25°C
TJ = 125°C
TJ = –55°C
2
INPUT/OUTPUT DIFFERENTIAL (V)
0
0
0.25
0.50
0.75
1.25
10
15
1117 G02
5
1.00
TJ = 25°C
TJ = 125°C
TEMPERATURE (°C)
–50
–0.20
–0.15
–0.10
–0.05
0.10
50
75
125
1117 G03
0
0.05
0
–25
25
100
ΔILOAD = 800mA
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Quiescent Current
LT1117-2.85
LT1117-3.3
LT1117-5
VIN ≤ 10V
VIN ≤ 15V
VIN ≤ 15V
l
l
l
5
5
5
10
10
10
mA
mA
mA
Thermal Regulation
TA = 25°C, 30ms Pulse
0.01
0.1
%/W
Ripple Rejection
fRIPPLE = 120Hz, (VIN – VOUT) = 3V, VRIPPLE = 1VP-P
l
60
75
dB
Adjust Pin Current
l
55
120
μA
Adjust Pin Current Change
10mA ≤ IOUT ≤ 800mA, 1.4V ≤ (VIN – VOUT) ≤ 10V
l
0.2
5
μA
Temperature Stability
0.5
%
Long Term Stability
TA = 125°C, 1000Hrs
0.3
%
RMS Output Noise
(% of VOUT), 10Hz ≤ f ≤ 10kHz
0.003
%
Thermal Resistance
(Junction-to-Case, at Tab)
15
°C/W
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: See thermal regulation specification for changes in output voltage
due to heating effects. Load regulation and line regulation are measured at
a constant junction temperature by low duty cycle pulse testing.
Note 3: Dropout voltage is specified over the full output current range
of the device. Dropout voltage is defined as the minimum input/output
differential measured at the specified output current. Test points and limits
are also shown on the Dropout Voltage curve.
Note 4: Minimum load current is defined as the minimum output current
required to maintain regulation.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C.
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com