Electronic Components Datasheet Search
  English  ▼

X  

LT1117 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1117
Description  800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1117 Datasheet(HTML) 3 Page - Linear Technology

  LT1117 Datasheet HTML 1Page - Linear Technology LT1117 Datasheet HTML 2Page - Linear Technology LT1117 Datasheet HTML 3Page - Linear Technology LT1117 Datasheet HTML 4Page - Linear Technology LT1117 Datasheet HTML 5Page - Linear Technology LT1117 Datasheet HTML 6Page - Linear Technology LT1117 Datasheet HTML 7Page - Linear Technology LT1117 Datasheet HTML 8Page - Linear Technology LT1117 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT1117/LT1117-2.85
LT1117-3.3/LT1117-5
3
1117fd
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Voltage
LT1117
IOUT = 10mA, (VIN – VOUT) = 2V, TJ = 25°C
10mA ≤ IOUT ≤ 800mA, 1.4V ≤ (VIN – VOUT) ≤ 10V
l
1.238
1.225
1.250
1.250
1.262
1.270
V
V
Output Voltage
LT1117-2.85
IOUT = 10mA, VIN = 4.85V, TJ = 25°C
0 ≤ IOUT ≤ 800mA, 4.25V ≤ VIN ≤ 10V
0 ≤ IOUT ≤ 500mA, VIN = 3.95V
l
l
2.820
2.790
2.790
2.850
2.850
2.850
2.880
2.910
2.910
V
V
V
LT1117-3.3
IOUT = 10mA, VIN = 5V, TJ = 25°C
0 ≤ IOUT ≤ 800mA, 4.75V ≤ VIN ≤ 10V
l
3.267
3.235
3.300
3.300
3.333
3.365
V
V
LT1117-5
IOUT = 10mA, VIN = 7V, TJ = 25°C
0 ≤ IOUT ≤ 800mA, 6.5V ≤ VIN ≤ 12V
l
4.950
4.900
5.000
5.000
5.050
5.100
V
V
Line Regulation
LT1117
LT1117-2.85
LT1117-3.3
LT1117-5
IOUT = 10mA, 1.5V ≤ VIN – VOUT ≤ 15V (Note 2)
IOUT = 0mA, 4.25V ≤ VIN ≤ 10V (Note 2)
IOUT = 0mA, 4.75V ≤ VIN ≤ 15V (Note 2)
IOUT = 0mA, 6.5V ≤ VIN ≤ 15V (Note 2)
l
l
l
l
0.035
1
1
1
0.2
6
6
10
%
mV
mV
mV
Load Regulation
LT1117
LT1117-2.85
LT1117-3.3
LT1117-5
(VIN – VOUT) = 3V, 10mA ≤ IOUT ≤ 800mA (Note 2)
VIN = 4.25V, 0 ≤ IOUT ≤ 800mA (Note 2)
VIN = 4.75V, 0 ≤ IOUT ≤ 800mA (Note 2)
VIN = 6.5V, 0 ≤ IOUT ≤ 800mA (Note 2)
l
l
l
l
0.1
1
1
1
0.4
10
10
15
%
mV
mV
mV
Dropout Voltage
IOUT = 100mA, 0°C ≤ TJ ≤ 125°C (Note 3)
IOUT = 500mA, 0°C ≤ TJ ≤ 125°C (Note 3)
IOUT = 800mA, 0°C ≤ TJ ≤ 125°C (Note 3)
1.00
1.05
1.10
1.10
1.15
1.20
V
V
V
IOUT = 100mA, – 40°C ≤ TJ < 0°C (Note 3)
IOUT = 500mA, – 40°C ≤ TJ < 0°C (Note 3)
IOUT = 800mA, – 40°C ≤ TJ < 0°C (Note 3)
1.00
1.05
1.10
1.20
1.25
1.30
V
V
V
Current Limit
(VIN – VOUT) = 5V, TJ = 25°C
800
950
1200
mA
Minimum Load Current
LT1117
(VIN – VOUT) = 15V (Note 4)
l
1.7
5
mA
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C.
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1117CST
LT1117CST#TR
1117
3-Lead Plastic SOT-223
0°C to 125°C
LT1117IST
LT1117IST#TR
1117I
3-Lead Plastic SOT-223
–40°C to 125°C
LT1117CST-2.85
LT1117CST-2.85#TR
11172
3-Lead Plastic SOT-223
0°C to 125°C
LT1117IST-2.85
LT1117IST-2.85#TR
1117I2
3-Lead Plastic SOT-223
–40°C to 125°C
LT1117CST-3.3
LT1117CST-3.3#TR
11173
3-Lead Plastic SOT-223
0°C to 125°C
LT1117IST-3.3
LT1117IST-3.3#TR
1117I3
3-Lead Plastic SOT-223
–40°C to 125°C
LT1117CST-5
LT1117CST-5#TR
11175
3-Lead Plastic SOT-223
0°C to 125°C
LT1117IST-5
LT1117IST-5#TR
1117I5
3-Lead Plastic SOT-223
–40°C to 125°C
LT1117CM
LT1117CM#TR
LT1117CM
3-Lead Plastic DD-PAK
0°C to 125°C
LT1117CM-2.85
LT1117CM-2.85#TR
LT1117CM-2.85
3-Lead Plastic DD-PAK
0°C to 125°C
LT1117CM-3.3
LT1117CM-3.3#TR
LT1117CM-3.3
3-Lead Plastic DD-PAK
0°C to 125°C
LT1117CM-5
LT1117CM-5#TR
LT1117CM-5
3-Lead Plastic DD-PAK
0°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com