Electronic Components Datasheet Search
  English  ▼

X  

LT1351 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1351
Description  250A, 3MHz, 200V/s Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1351 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1351 Datasheet HTML 4Page - Linear Technology LT1351 Datasheet HTML 5Page - Linear Technology LT1351 Datasheet HTML 6Page - Linear Technology LT1351 Datasheet HTML 7Page - Linear Technology LT1351 Datasheet HTML 8Page - Linear Technology LT1351 Datasheet HTML 9Page - Linear Technology LT1351 Datasheet HTML 10Page - Linear Technology LT1351 Datasheet HTML 11Page - Linear Technology LT1351 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1351
TYPICAL PERFORMANCE CHARACTERISTICS
SUPPLY VOLTAGE (
±V)
0
0
50
100
150
200
510
1351 G22
15
TA = 25°C
AV = –1
RF = RG = 5k
SR = (SR+ + SR–)/2
Slew Rate vs Supply Voltage
TEMPERATURE (
°C)
–50
–25
0
100
250
0
50
75
1351 G23
50
200
150
25
100
125
AV = –1
RF = RG = RL = 5k
SR = (SR+ + SR–)/2
VS = ±15V
VS = ±5V
Slew Rate vs Temperature
Slew Rate vs Input Level
Total Harmonic Distortion
vs Frequency
FREQUENCY (Hz)
10
0.01
0.1
1
100
1k
10k
100k
1351 G25
0.001
TA = 25°C
VS = ±15V
RL = 5k
VO = 2VP-P
AV = –1
AV = 1
Undistorted Output Swing
vs Frequency (
±15V)
FREQUENCY (Hz)
10k
0
5
10
15
20
30
100k
1M
1351 G26
25
VS = ±15V
RL = 5k
THD = 1%
AV = –1
AV = 1
Undistorted Output Swing
vs Frequency (
±5V)
FREQUENCY (Hz)
10k
0
2
4
6
8
1
3
5
7
9
100k
1M
1351 G27
10
VS = ±5V
RL = 5k
THD = 1%
AV = 1
AV = –1
2nd and 3rd Harmonic Distortion
vs Frequency
Shutdown Supply Current
vs Temperature
Capacitive Load Handling
FREQUENCY (Hz)
100k
–30
–40
–50
–60
–70
–80
–90
1M
1351 G28
3RD HARMONIC
2ND HARMONIC
VS = ±15V
AV = 1
RL = 5k
VO = 2VP-P
TEMPERATURE (
°C)
–50
0
10
30
40
50
100
70
0
50
75
1351 G29
20
80
90
60
–25
25
100
125
VS = ±15V
VSHDN = VEE + 0.2
VSHDN = VEE
VSHDN = VEE + 0.1
CAPACITIVE LOAD (F)
10p
40
50
60
70
80
100p
1n
10n
0.1
µ
1
µ
1351 G30
30
20
10
0
90
100
TA = 25°C
VS = ±15V
RL = 5k
AV = 1
AV = –1
INPUT LEVEL (VP-P)
0
75
100
125
12
20
1351 G24
50
25
0
48
16
150
175
200
24
TA = 25°C
VS = ±15V
AV = –1
RFB = RG = 5k
SR = (SR+ + SR–)/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com