Electronic Components Datasheet Search
  English  ▼

X  

LT1351 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1351
Description  250A, 3MHz, 200V/s Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1351 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1351 Datasheet HTML 5Page - Linear Technology LT1351 Datasheet HTML 6Page - Linear Technology LT1351 Datasheet HTML 7Page - Linear Technology LT1351 Datasheet HTML 8Page - Linear Technology LT1351 Datasheet HTML 9Page - Linear Technology LT1351 Datasheet HTML 10Page - Linear Technology LT1351 Datasheet HTML 11Page - Linear Technology LT1351 Datasheet HTML 12Page - Linear Technology LT1351 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1351
TYPICAL PERFORMANCE CHARACTERISTICS
Small-Signal Transient
(AV = 1)
Small-Signal Transient
(AV = –1)
Small-Signal Transient
(AV = –1, CL = 1000pF)
1351 G33
1351 G32
1351 G31
Large-Signal Transient
(AV = 1)
Large-Signal Transient
(AV = – 1)
Large-Signal Transient
(AV = 1, CL = 10,000pF)
1351 G36
1351 G35
1351 G34
APPLICATIONS INFORMATION
The LT1351 may be inserted directly into many high
speed amplifier applications improving both DC and AC
performance, provided that the nulling circuitry is re-
moved. The suggested nulling circuit for the LT1351 is
shown in Figure 1.
Layout and Passive Components
The LT1351 amplifier is easy to apply and tolerant of less
than ideal layouts. For maximum performance (for ex-
ample fast settling time) use a ground plane, short lead
lengths and RF-quality bypass capacitors (0.01
µFto0.1µF).
For high drive current applications use low ESR bypass
capacitors (1
µF to 10µF tantalum). For details see Design
Note 50.
The parallel combination of the feedback resistor and gain
setting resistor on the inverting input can combine with
the input capacitance to form a pole which can cause
peaking or even oscillations. For feedback resistors greater
than 10k, a parallel capacitor of value, CF > (RG)(CIN/RF)
should be used to cancel the input pole and optimize
dynamic performance. For applications where the DC
–
+
1
2
1351 F01
3
100k
0.1
µF
8
V–
V+
4
7
6
0.1
µF
LT1351
Figure 1. Offset Nulling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com