Electronic Components Datasheet Search
  English  ▼

X  

LT1351 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1351
Description  250A, 3MHz, 200V/s Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1351 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1351 Datasheet HTML 2Page - Linear Technology LT1351 Datasheet HTML 3Page - Linear Technology LT1351 Datasheet HTML 4Page - Linear Technology LT1351 Datasheet HTML 5Page - Linear Technology LT1351 Datasheet HTML 6Page - Linear Technology LT1351 Datasheet HTML 7Page - Linear Technology LT1351 Datasheet HTML 8Page - Linear Technology LT1351 Datasheet HTML 9Page - Linear Technology LT1351 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1351
TYPICAL PERFORMANCE CHARACTERISTICS
Input Bias Current vs Temperature
Open-Loop Gain vs Resistive Load
Input Noise Spectral Density
TEMPERATURE (
°C)
–50
0
4
12
16
20
40
28
0
50
75
1351 G04
8
32
36
24
–25
25
100
125
VS = ±15V
IB =
IB
+ + I
B
–
2
LOAD RESISTANCE (
Ω)
10
60
90
100
110
100
1k
10k
1351 G06
80
70
TA = 25°C
VS = ±5V
VS = ±15V
FREQUENCY (Hz)
1
10
en
100
0.1
1
10
10
100
1351 G05
1
1k
10k
in
TA = 25°C
VS = ±15V
AV = 101
RS = 100k
Output Voltage Swing
vs Load Current
Output Voltage Swing
vs Supply Voltage
Open-Loop Gain vs Temperature
TEMPERATURE (
°C)
–50
98
99
100
25
75
1351 G07
97
96
–25
0
50
100
125
95
94
VS = ±15V
VO = ±12V
RL = 5k
OUTPUT CURRENT (mA)
–20
V –
0.5
1.5
2.0
V +
25
°C
25
°C
–1.5
–10
0
5
1351 G09
1.0
–1.0
– 0.5
–2.0
–15
– 5
10
15
20
VS = ±5V
VIN = 10mV
85
°C
85
°C
–40
°C
–40
°C
–40
°C
–40
°C
85
°C
85
°C
25
°C
25
°C
SUPPLY VOLTAGE (V)
0
–3
–2
V+
15
1351 G08
3
2
510
20
1
V –
–1
TA = 25°C
VIN = ±10mV
RL = 2k
RL = 2k
RL = 1k
RL = 1k
Settling Time vs Output Step
(Inverting)
Settling Time vs Output Step
(Noninverting)
Output Short-Circuit Current
vs Temperature
TEMPERATURE (
°C)
–50
45
50
60
SINK
25
75
1351 G10
40
35
–25
0
50
100
125
30
25
55
SOURCE
VS = ±15V
SETTLING TIME (
µs)
0.7
–10
–8
–4
–2
0
10
4
0.9
1.1 1.2
1.6
1351 G11
–6
6
8
2
0.8
1
1.3 1.4 1.5
VS = ±15V
AV = 1
OUTPUT
FILTER:
1.6MHz
LPF
10mV
10mV
1mV
1mV
SETTLING TIME (
µs)
0.5
2
6
10
1.3
1351 G12
–2
–6
0
4
8
–4
–8
–10
0.7
0.9
1.1
0.6
1.4
0.8
1.0
1.2
1.5
VS = ±15V
AV = –1
RG = RF = 2k
CF = 5pF
RL = 2k
10mV
1mV
1mV
10mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com