Electronic Components Datasheet Search
  English  ▼

X  

LT1795 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1795
Description  Dual 500mA/50MHz Current Feedback Line Driver Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1795 Datasheet(HTML) 1 Page - Linear Technology

  LT1795 Datasheet HTML 1Page - Linear Technology LT1795 Datasheet HTML 2Page - Linear Technology LT1795 Datasheet HTML 3Page - Linear Technology LT1795 Datasheet HTML 4Page - Linear Technology LT1795 Datasheet HTML 5Page - Linear Technology LT1795 Datasheet HTML 6Page - Linear Technology LT1795 Datasheet HTML 7Page - Linear Technology LT1795 Datasheet HTML 8Page - Linear Technology LT1795 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1795
1795fa
The LT
®1795 is a dual current feedback amplifier with high
output current and excellent large signal characteristics.
The combination of high slew rate, 500mA output drive
and up to
±15V operation enables the device to deliver
significant power at frequencies in the 1MHz to 2MHz
range. Short-circuit protection and thermal shutdown
insure the device’s ruggedness. The LT1795 is stable with
large capacitive loads and can easily supply the large
currents required by the capacitive loading. A shutdown
feature switches the device into a high impedance, low
current mode, reducing power dissipation when the de-
vice is not in use. For lower bandwidth applications, the
supply current can be reduced with a single external
resistor.
The LT1795 comes in the very small, thermally enhanced,
20-lead TSSOP package for maximum port density in line
driver applications.
TYPICAL APPLICATION
APPLICATIO S
DESCRIPTIO
FEATURES
Dual 500mA/50MHz
Current Feedback Line Driver
Amplifier
s
ADSL HDSL2, G.lite Drivers
s
Buffers
s
Test Equipment Amplifiers
s
Video Amplifiers
s
Cable Drivers
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
500mA Output Drive Current
s
50MHz Bandwidth, AV = 2, RL = 25Ω
s
900V/
µs Slew Rate, AV = 2, RL = 25Ω
s
Low Distortion: –75dBc at 1MHz
s
High Input Impedance, 10M
Ω
s
Wide Supply Range,
±5V to ±15V
s
Full Rate, Downstream ADSL Supported
s
Low Power Shutdown Mode
s
Power Saving Adjustable Supply Current
s
Stable with CL = 10,000pF
s
Power Enhanced Small Footprint Packages
TSSOP-20, S0-20 Wide
s
Available in a 20-Lead TSSOP Package
1795 TA01
+
–
1/2
LT1795
–IN
–
+
1/2
LT1795
+IN
V+
V–
12.5
Ω
1:2*
165
Ω
1k
1k
12.5
Ω
100
Ω
* MIDCOM 50215 OR EQUIVALENT
Low Loss, High Power Central Office ADSL Line Driver


Similar Part No. - LT1795

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1795 LINER-LT1795 Datasheet
187Kb / 12P
Dual 500mA/50MHz Current Feedback Line Driver Amplifier
LT1795 LINER-LT1795 Datasheet
225Kb / 16P
Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
LT1795CFE LINER-LT1795CFE Datasheet
187Kb / 12P
Dual 500mA/50MHz Current Feedback Line Driver Amplifier
LT1795CSW LINER-LT1795CSW Datasheet
187Kb / 12P
Dual 500mA/50MHz Current Feedback Line Driver Amplifier
LT1795IFE LINER-LT1795IFE Datasheet
187Kb / 12P
Dual 500mA/50MHz Current Feedback Line Driver Amplifier
More results

Similar Description - LT1795

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5292C ELANTEC-EL5292C Datasheet
307Kb / 15P
Dual 600MHz Current Feedback Amplifier
EL5293C ELANTEC-EL5293C Datasheet
302Kb / 15P
Dual 300MHz Current Feedback Amplifier
logo
Linear Technology
LT1497 LINER-LT1497 Datasheet
302Kb / 12P
Dual 125mA, 50MHz Current Feedback Amplifier
LT1795 LINER-LT1795 Datasheet
187Kb / 12P
Dual 500mA/50MHz Current Feedback Line Driver Amplifier
LT1794 LINER-LT1794 Datasheet
275Kb / 20P
Dual 500mA, 200MHz xDSL Line Driver Amplifier
logo
Intersil Corporation
EL2020 INTERSIL-EL2020 Datasheet
257Kb / 14P
50MHz Current Feedback Amplifier
December 1995
logo
Linear Technology
LT1739 LINER-LT1739 Datasheet
286Kb / 20P
Dual 500mA, 200MHz xDSL Line Driver Amplifier
LT1497 LINER-LT1497_15 Datasheet
264Kb / 12P
Dual 125mA, 50MHz Current Feedback Amplifier
LT1739 LINER-LT1739_15 Datasheet
291Kb / 20P
Dual 500mA, 200MHz xDSL Line Driver Amplifier
LT1794 LINER-LT1794_15 Datasheet
285Kb / 20P
Dual 500mA, 200MHz xDSL Line Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com