Electronic Components Datasheet Search
  English  ▼

X  

LT1795 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1795
Description  Dual 500mA/50MHz Current Feedback Line Driver Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1795 Datasheet(HTML) 4 Page - Linear Technology

  LT1795 Datasheet HTML 1Page - Linear Technology LT1795 Datasheet HTML 2Page - Linear Technology LT1795 Datasheet HTML 3Page - Linear Technology LT1795 Datasheet HTML 4Page - Linear Technology LT1795 Datasheet HTML 5Page - Linear Technology LT1795 Datasheet HTML 6Page - Linear Technology LT1795 Datasheet HTML 7Page - Linear Technology LT1795 Datasheet HTML 8Page - Linear Technology LT1795 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1795
1795fa
TYPICAL PERFOR A CE CHARACTERISTICS
SHDN Pin Current vs Voltage
TEMPERATURE (
°C)
–50
40
35
30
25
20
15
10
5
0
25
75
LT1795 G01
–25
0
50
100
125
RSD = 0Ω
RSD = 51kΩ
VS = ±15V
AV = 1
RL = ∞
TEMPERATURE (
°C)
–50
V+
–1
–2
–3
–4
4
3
2
1
V–
0
50
75
LT1795 G02
–25
25
100
125
VS = ±15V
RL = 2k
RL = 25Ω
RL = 25Ω
RL = 2k
TEMPERATURE (
°C)
–50
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
25
75
LT1795 G03
–25
0
50
100
125
SINKING
SOURCING
VS = ±15V
Supply Current vs Ambient
Temperature
VOLTAGE APPLIED AT SHDN PIN (V)
0
1
2
3
4
5
1795 G04
0.6
0.5
0.4
0.3
0.2
0.1
0
VS = ±15V
VSHDNREF = 0V
Output Saturation Voltage vs
Junction Temperature
Output Short-Circuit Current vs
Junction Temperature
FREQUENCY (Hz)
10k
–40
–50
–60
–70
–80
–90
–100
100k
1M
LT1795 G05
IQ = 5mA
IQ = 10mA
IQ = 15mA
IQ = 20mA
AV = 2 DIFFERENTIAL
VOUT = 20VP-P
VS = ±15V
RLOAD = 50Ω
IQ PER AMPLIFIER
FREQUENCY (Hz)
10k
–40
–50
–60
–70
–80
–90
–100
100k
1M
LT1795 G06
IQ = 10mA
IQ = 15mA
IQ = 20mA
AV = 2 DIFFERENTIAL
VOUT = 20VP-P
VS = ±15V
RLOAD = 50Ω
IQ PER AMPLIFIER
IQ = 5mA
Second Harmonic Distortion vs
Frequency
Third Harmonic Distortion vs
Frequency
SMALL-SIGNAL BANDWIDTH
–3dB BW
AV
RF
RG
(MHz)
–1
976
976
30
1
1.15k
—
32
2
976
976
32
10
649
72
27
RSD = 0Ω, IS = 30mA per Amplifer, VS = ±15V,
Peaking
≤ 1dB, RL = 25Ω
–3dB BW
AV
RF
RG
(MHz)
–1
976
976
44
1
1.15k
—
53
2
976
976
48
10
649
72
46
RSD = 51kΩ, IS = 15mA per Amplifer, VS = ±15V,
Peaking
≤ 1dB, RL = 25Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com