Electronic Components Datasheet Search
  English  ▼

X  

LT1795 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1795
Description  Dual 500mA/50MHz Current Feedback Line Driver Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1795 Datasheet(HTML) 2 Page - Linear Technology

  LT1795 Datasheet HTML 1Page - Linear Technology LT1795 Datasheet HTML 2Page - Linear Technology LT1795 Datasheet HTML 3Page - Linear Technology LT1795 Datasheet HTML 4Page - Linear Technology LT1795 Datasheet HTML 5Page - Linear Technology LT1795 Datasheet HTML 6Page - Linear Technology LT1795 Datasheet HTML 7Page - Linear Technology LT1795 Datasheet HTML 8Page - Linear Technology LT1795 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1795
1795fa
Supply Voltage ......................................................
±18V
Input Current ......................................................
±15mA
Output Short-Circuit Duration (Note 2) ............ Indefinite
Operating Temperature Range ................ – 40
°C to 85°C
ORDER PART
NUMBER
TJMAX = 150° C, θJA ≈ 40°C/W (Note 4)
ABSOLUTE
AXI U
RATI GS
The q denotes the specifications which apply over the full specified temperature range, otherwise specifications are at TA = 25°C.
VCM = 0V, ±5V ≤ VS ≤ ±15V, pulse tested, VSHDN = 2.5V, VSHDNREF = 0V unless otherwise noted. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
±3
±13
mV
q
±4.5
±17
mV
Input Offset Voltage Matching
±1
±3.5
mV
q
±1.5
±5.0
mV
Input Offset Voltage Drift
q
10
µV/°C
IIN+
Noninverting Input Current
±2
±5
µA
q
±8
±20
µA
Noninverting Input Current Matching
±0.5
±2
µA
q
±1.5
±7
µA
IIN–
Inverting Input Current
±10
±70
µA
q
±20
±100
µA
Inverting Input Current Matching
±10
±30
µA
q
±20
±50
µA
en
Input Noise Voltage Density
f = 10kHz, RF =1k, RG = 10Ω, RS = 0Ω
3.6
nV/
√Hz
+in
Input Noise Current Density
f = 10kHz, RF =1k, RG = 10Ω, RS = 10kΩ
2
pA/
√Hz
–in
Input Noise Current Density
f = 10kHz, RF =1k, RG = 10Ω, RS = 10kΩ
30
pA/
√Hz
ELECTRICAL CHARACTERISTICS
(Note 1)
Specified Temperature Range (Note 3) ... – 40
°C to 85°C
Junction Temperature ........................................... 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
LT1795CFE
LT1795IFE
1
2
3
4
5
6
7
8
9
10
TOP VIEW
S PACKAGE
20-LEAD PLASTIC SW
20
19
18
17
16
15
14
13
12
11
COMP
V+
OUT
V–
V–
V–
V–
–IN
+IN
SHDN
COMP
V+
OUT
V–
V–
V–
V–
–IN
+IN
SHDNREF
TJMAX = 150° C, θJA = 40°C/W (Note 4)
LT1795CSW
LT1795ISW
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
V–
NC
–IN
+IN
SHDN
SHDNREF
+IN
–IN
NC
V–
V–
NC
OUT
V+
COMP
COMP
V+
OUT
NC
V–
FE PACKAGE
20-LEAD PLASTIC TSSOP
Consult LTC Marketing for parts specified with wider operating temperature ranges.
UNDERSIDE METAL INTERNALLY CONNECTED TO V
–
(PCB CONNECTION OPTIONAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com