Electronic Components Datasheet Search
  English  ▼

X  

AN390 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN390
Description  AVS kit guidelines
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN390 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN390 Datasheet HTML 7Page - STMicroelectronics AN390 Datasheet HTML 8Page - STMicroelectronics AN390 Datasheet HTML 9Page - STMicroelectronics AN390 Datasheet HTML 10Page - STMicroelectronics AN390 Datasheet HTML 11Page - STMicroelectronics AN390 Datasheet HTML 12Page - STMicroelectronics AN390 Datasheet HTML 13Page - STMicroelectronics AN390 Datasheet HTML 14Page - STMicroelectronics AN390 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DocID3572 Rev 4
11/17
AN390
Thermal rating of Triac
17
3
Thermal rating of Triac
The knowledge of the maximum Triac current ITM and the current pulse width tp in the worst
case conditions allows the definition of the Triac power dissipation (see Equation 12 and
Equation 13
).
Where:
•
ITRMS is the rms Triac current
•
Vt0 the threshold voltage of the Triac
•
Rt the on state of the Triac
•
F the AC line frequency.
Equation 12
With
Equation 13
Equation 14
and Equation 15 define the junction temperature of the Triac according to the
ambient to junction thermal resistance and case to junction thermal resistance.
Equation 14
Equation 15
For example, Figure 8 (left) gives losses PT versus ITRMS for this application dedicated for
the AVS10CB Triac. Figure 8 (right) allows the evaluation of the external heat sink RTH
versus PT and Tamb when Tj = 110 °C for the same Triac. These curves come from Equation
10
, Equation 11, Equation 12 and Equation 13.
()
()
2
4
M
p
t
to
M
p
T
IT
F
t
R
V
IT
F
t
P
•
•
•
+
•
•
•
•
=
π
F
t
IT
IT
p
M
RMS
•
•
=
()
T
AC
c
j
TH
C
J
P
R
T
T
•
=
-
-
()
T
a
c
TH
amb
C
P
R
T
T
•
=
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com