Electronic Components Datasheet Search
  English  ▼

X  

AN390 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN390
Description  AVS kit guidelines
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN390 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN390 Datasheet HTML 9Page - STMicroelectronics AN390 Datasheet HTML 10Page - STMicroelectronics AN390 Datasheet HTML 11Page - STMicroelectronics AN390 Datasheet HTML 12Page - STMicroelectronics AN390 Datasheet HTML 13Page - STMicroelectronics AN390 Datasheet HTML 14Page - STMicroelectronics AN390 Datasheet HTML 15Page - STMicroelectronics AN390 Datasheet HTML 16Page - STMicroelectronics AN390 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AVS bill of material
AN390
14/17
DocID3572 Rev 4
Appendix A
AVS bill of material
Table 2. AVS bill of material
Components
Qty
Reference
Observations
Supplier
Resistor
1
R1
1 k
Ω at 1%
ND
Resistor
1
R2
18 M
Ω at 1%
ND
Resistor
1
R3
91 k
Ω at 1%
ND
Resistor
1
R4
390
Ω at 5%
ND
Resistor
DC resistance
power supply
1R5
9.1 k
Ω at 5%, 1 W
ND
Capacitive
power supply
100
Ω at 5%, 2 WND
Resistor
DC resistance
power supply
1R6
9.1 k
Ω at 5%, 1 W
ND
Capacitive
power supply
Not applicable
ND
Capacitor
1
C1
100 pF at 5%, 16 V
ND
Capacitor
1
C2
33 µF at 10%, 16 V
ND
Capacitor
Resistance
power supply
0
C3
Not applicable
ND
Capacitive
power supply
1
220 nF at 400V AC
X2
ND
Diode
1
D1
1N4007
ND
Diode
Resistance
power supply
0
D2
Not applicable
ND
Capacitive
power supply
1D2
1N4007
ND
Triac
1
IC2
AVS10CB / AVS12CB
ST
Integrated circuit
1
IC1
AVS1ACP08
ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com