Electronic Components Datasheet Search
  English  ▼

X  

AN390 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN390
Description  AVS kit guidelines
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN390 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN390 Datasheet HTML 8Page - STMicroelectronics AN390 Datasheet HTML 9Page - STMicroelectronics AN390 Datasheet HTML 10Page - STMicroelectronics AN390 Datasheet HTML 11Page - STMicroelectronics AN390 Datasheet HTML 12Page - STMicroelectronics AN390 Datasheet HTML 13Page - STMicroelectronics AN390 Datasheet HTML 14Page - STMicroelectronics AN390 Datasheet HTML 15Page - STMicroelectronics AN390 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Thermal rating of Triac
AN390
12/17
DocID3572 Rev 4
Figure 8. AVS thermal management
For example, with an AVS10CB Triac, if tp = 2 ms and ITRMS = 5 A then the Triac dissipated
power PT = 3.8 W. If the maximum junction temperature is Tj = 110 °C and the maximum
case temperature Tc = 100 °C with a heatsink thermal resistance RTHC-a = 7.5 °C/W then
the maximum operating ambient temperature (Ta) could be 70 °C.
110
100
90
80
(
(
°C)
W)
T
P
CASE
T
01
234
5678
0
2
4
6
8
10
12
IT (RMS) (A)
TAMB (°C)
10
30
50
70
90
110
130
t
t
8.3ms
t = 1ms
t = 2ms
t = 3ms
t = 8ms
Rth = 0.0 °C/W
2.5 °C/W
5.0 °C/W
7.5 °C/W
(W)
PT
0
2
4
6
8
10
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com