Electronic Components Datasheet Search
  English  ▼

X  

AN626 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN626
Description  Serial EEPROM product numbering
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN626 Datasheet(HTML) 1 Page - STMicroelectronics

  AN626 Datasheet HTML 1Page - STMicroelectronics AN626 Datasheet HTML 2Page - STMicroelectronics AN626 Datasheet HTML 3Page - STMicroelectronics AN626 Datasheet HTML 4Page - STMicroelectronics AN626 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
February 2015
DocID5663 Rev 6
1/5
5
AN626
Application note
Serial EEPROM product numbering
Introduction
This application note provides a detailed description of the part numbering scheme of Serial
EEPROM products.
The part numbering scheme consists of a maximum of 13 digits grouped into nine fields (A
to H) as shown in Table 1.
Fields A to C represent the product identifiers and fields D to H the product options. The “-”
character is used to separate the identifiers from the options.
An additional “/” followed by two digits are used by ST to aid traceability, and might appear
on some documents at the bottom of the Ordering information scheme table under Process.
This information offers the die and technology references (for temperature range 3 devices)
and can be ignored for temperature range 6 devices.
Table 1. Serial EEPROM part numbering scheme
Digit
Field
Use
1st
A
Product line (“M” = memory)
2nd
B
Device type (Product family)
3rd
4th
C
Device function (Memory capacity)
5th
6th
7th
-
Dash, to separate the product number identifiers from the product option designators
8th
D
Operating range (VCC)
9th
E
Package type
10th
11th
F
Device grade (Temperature range)
12th
G
Option
13th
H
Plating technology
14th
/J
Die process
www.st.com


Similar Part No. - AN626

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6262 PANASONIC-AN6262 Datasheet
58Kb / 5P
Pause Detection Circuits of Radio Cassette, Cassette Deck
AN6262N PANASONIC-AN6262N Datasheet
58Kb / 5P
Pause Detection Circuits of Radio Cassette, Cassette Deck
AN6263N PANASONIC-AN6263N Datasheet
58Kb / 5P
Pause Detection Circuits of Radio Cassette, Cassette Deck
More results

Similar Description - AN626

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G256-3 ROHM-BR24G256-3 Datasheet
490Kb / 33P
Serial EEPROM Series Standard EEPROM
BR24G01-3A ROHM-BR24G01-3A Datasheet
846Kb / 36P
Serial EEPROM series Standard EEPROM
BR25H640-2C ROHM-BR25H640-2C Datasheet
952Kb / 34P
Serial EEPROM Series Automotive EEPROM
BR93G46-3A ROHM-BR93G46-3A Datasheet
943Kb / 39P
Serial EEPROM series Standard EEPROM
BR93H56RF-2LB ROHM-BR93H56RF-2LB Datasheet
927Kb / 28P
Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
logo
Catalyst Semiconductor
CAT24WC08W CATALYST-CAT24WC08W Datasheet
2Mb / 14P
Serial EEPROM
logo
STMicroelectronics
AN2614 STMICROELECTRONICS-AN2614 Datasheet
128Kb / 12P
Serial numbering implementation
23-Aug-2007
logo
Rohm
BR25G512-3 ROHM-BR25G512-3 Datasheet
833Kb / 33P
Serial EEPROM Series Standard EEPROM
logo
ARTSCHIP ELECTRONICS CO...
24LC08B ARTSCHIP-24LC08B Datasheet
207Kb / 19P
Serial EEPROM
24LC16B ARTSCHIP-24LC16B Datasheet
486Kb / 19P
Serial EEPROM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com