Electronic Components Datasheet Search
  English  ▼

X  

AN626 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN626
Description  Serial EEPROM product numbering
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN626 Datasheet(HTML) 2 Page - STMicroelectronics

  AN626 Datasheet HTML 1Page - STMicroelectronics AN626 Datasheet HTML 2Page - STMicroelectronics AN626 Datasheet HTML 3Page - STMicroelectronics AN626 Datasheet HTML 4Page - STMicroelectronics AN626 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AN626
2/5
DocID5663 Rev 6
Table 2. Field A, 1st character, product line
Product line code
Product line type
M
Memory
Table 3. Field B, 2nd and 3rd characters, product family
Family code
Memory type
Family
93
Non-volatile memory
MICROWIRE
24
I2C
95
SPI
33
Application-specific memory
Non-volatile memory
MICROWIRE
34
I2C
35
SPI
Table 4. Field C, 4th, 5th and 6th characters, memory capacity
Capacity
Microwire (M93)
I²C (M24)
SPI (M95)
1 Kb
C46
C01
010
2 Kb
C56
C02
020
4 Kb
C66
C04
040
8 Kb
C76
C08
080
16 Kb
C86
C16
160
32 Kb
-
C32
320
64 Kb
-
C64
640
128 Kb
-
128-B
128
256 Kb
-
256-B
256
512 Kb
-
512
512
1 Mb
-
M01
M01
2 Mb
-
M02
M02
Table 5. Field D, 8th character, VCC range
Voltage range code
Memory
Voltage range
Blank
Serial EEPROMs
4.5 V to 5.5 V
W
2.5 V to 5.5 V
R
1.8 V to 5.5 V
F
1.7 V to 5.5 V
X
1.6 V to 5.5 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com