Electronic Components Datasheet Search
  English  ▼

X  

AN626 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN626
Description  Serial EEPROM product numbering
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN626 Datasheet(HTML) 4 Page - STMicroelectronics

  AN626 Datasheet HTML 1Page - STMicroelectronics AN626 Datasheet HTML 2Page - STMicroelectronics AN626 Datasheet HTML 3Page - STMicroelectronics AN626 Datasheet HTML 4Page - STMicroelectronics AN626 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Revision history
AN626
4/5
DocID5663 Rev 6
Revision history
Table 11. Document revision history
Date
Revision
Changes
June-1998
1.0
First Issue.
22-Nov-2004
2.0
15th digit concerning Plating option added in Table 1: Serial
EEPROM part numbering scheme. Tables 3, 5, 5, 6 updated and
Table 9: Field H, 13th, plating technology added.
25-Apr-2008
3
Document reformatted. All tables updated.
19-Jul-2010
4
Table 1: Serial EEPROM part numbering scheme, Table 4: Field C,
4th, 5th and 6th characters, memory capacity, and Table 6: Field E,
9th and 10th characters, package (two letters used in every case)
updated. Table 10: Field J, 14th, die process added.
15-Jul-2013
5
Added Voltage range code ‘X’ in Table 5: Field D, 8th character, VCC
range
Updated packaged codes list in Table 6: Field E, 9th and 10th
characters, package (two letters used in every case).
Added die process code ‘T’ in Table 10: Field J, 14th, die process.
17-Feb-2015
6
Added package code CU in Table 6: Field E, 9th and 10th characters,
package (two letters used in every case).
Added temperature range 8 in Table 7: Field F, 11th character,
temperature range.
Added plating technology TF in Table 9: Field H, 13th, plating
technology.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com