Electronic Components Datasheet Search
  English  ▼

X  

LTC1484 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1484
Description  Low Power RS485 Transceiver with Receiver Fail-Safe
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1484 Datasheet(HTML) 1 Page - Linear Technology

  LTC1484 Datasheet HTML 1Page - Linear Technology LTC1484 Datasheet HTML 2Page - Linear Technology LTC1484 Datasheet HTML 3Page - Linear Technology LTC1484 Datasheet HTML 4Page - Linear Technology LTC1484 Datasheet HTML 5Page - Linear Technology LTC1484 Datasheet HTML 6Page - Linear Technology LTC1484 Datasheet HTML 7Page - Linear Technology LTC1484 Datasheet HTML 8Page - Linear Technology LTC1484 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1484
Low Power
RS485 Transceiver
with Receiver Fail-Safe
s
No Damage or Latchup to
±15kV ESD (Human
Body Model), IEC-1000-4-2 Level 4 Contact (
±8kV)
and Level 3 (
±8kV) Air Gap Specifications
s
Guaranteed High Receiver Output State for Floating,
Shorted or Terminated Inputs with No Signal
Present
s
Drives Low Cost Residential Telephone Wires
s
Low Power: ICC = 700µA Max with Driver Disabled
s
ICC = 900µA Max for Driver Enable with No Load
s
20
µA Max Quiescent Current in Shutdown Mode
s
Single 5V Supply
s
– 7V to 12V Common Mode Range Permits
±7V
Ground Difference Between Devices on the Data Line
s
Power Up/Down Glitch-Free Driver Outputs
s
Up to 32 Transceivers on the Bus
s
Pin Compatible with the LTC485
s
Available in 8-Lead MSOP, PDIP and SO Packages
The LTC
®1484 is a low power RS485 compatible trans-
ceiver. In receiver mode, it offers a fail-safe feature which
guarantees a high receiver output state when the inputs
are left open, shorted together or terminated with no
signal present. No external components are required to
ensure the high receiver output state.
Both driver and receiver feature three-state outputs with
separate receiver and driver control pins. The driver
outputs maintain high impedance over the entire com-
mon mode range when three-stated. Excessive power
dissipation caused by bus contention or faults is pre-
vented by a thermal shutdown circuit that forces the
driver outputs into a high impedance state.
Enhanced ESD protection allows the LTC1484 to with-
stand
±15kV (human body model), IEC-1000-4-2 level 4
(
±8kV) contact and level 3 (±8kV) air discharge ESD
without latchup or damage.
The LTC1484 is fully specified over the commercial and
industrial temperature ranges and is available in 8-lead
MSOP, PDIP and SO packages.
s
Battery-Powered RS485/RS422 Applications
s
Low Power RS485/RS422 Transceiver
s
Level Translator
, LTC and LT are registered trademarks of Linear Technology Corporation.
RO1
RE1
DE1
DI1
R
VCC1
LTC1484
GND1
B1
A1
B2
A2
120
Ω
120
Ω
D
VCC2
GND2
1484 TA01
R
D
RO2
RE2
DE2
DI2
LTC1484
RS485 Interface
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
Driving a 2000 Foot STP Cable
Dl1
↑↓
DE1 = VCC
1484 TA01a
Dl2 = 0
DE2 = 0
RE1 = RE2 = 0
Dl1
B2
A2
RO2


Similar Part No. - LTC1484

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1484 LINER-LTC1484 Datasheet
274Kb / 16P
Low Power RS485 Transceiver with Receiver Fail-Safe
LTC1484C LINER-LTC1484C Datasheet
274Kb / 16P
Low Power RS485 Transceiver with Receiver Fail-Safe
LTC1484CMS8 LINER-LTC1484CMS8 Datasheet
274Kb / 16P
Low Power RS485 Transceiver with Receiver Fail-Safe
LTC1484CN8 LINER-LTC1484CN8 Datasheet
274Kb / 16P
Low Power RS485 Transceiver with Receiver Fail-Safe
LTC1484CS8 LINER-LTC1484CS8 Datasheet
274Kb / 16P
Low Power RS485 Transceiver with Receiver Fail-Safe
More results

Similar Description - LTC1484

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1482 LINER-LTC1482 Datasheet
262Kb / 16P
Low Power RS485 Transceiver with Carrier Detect and Receiver Fail-Safe
LTC1484 LINER-LTC1484 Datasheet
274Kb / 16P
Low Power RS485 Transceiver with Receiver Fail-Safe
LTC1685 LINER-LTC1685 Datasheet
269Kb / 12P
52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1686 LINER-LTC1686 Datasheet
285Kb / 12P
52Mbps Precision Delay RS485 Fail-Safe Transceivers
LTC1685IS8 LINER-LTC1685IS8 Datasheet
173Kb / 12P
52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1685 LINER-LTC1685_15 Datasheet
191Kb / 12P
52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1482 LINER-LTC1482_15 Datasheet
223Kb / 16P
Low Power RS485 Transceiver with Carrier Detect and Receiver Fail-Safe
LTC1687 LINER-LTC1687_15 Datasheet
190Kb / 12P
52Mbps Precision Delay RS485 Fail-Safe Transceivers
logo
AMAZING Microelectronic...
AZRS3078 AMAZING-AZRS3078 Datasheet
409Kb / 9P
ESD-Protected, High Speed, True Fail-Safe 3.3V RS485 Transceiver IC
Revision 2016/05/06
AZRS6605 AMAZING-AZRS6605 Datasheet
574Kb / 8P
ESD-Protected, High Speed True Fail-Safe RS485 Transceiver IC
Revision 2021/02/25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com