Electronic Components Datasheet Search
  English  ▼

X  

LTC1484 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1484
Description  Low Power RS485 Transceiver with Receiver Fail-Safe
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1484 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1484 Datasheet HTML 8Page - Linear Technology LTC1484 Datasheet HTML 9Page - Linear Technology LTC1484 Datasheet HTML 10Page - Linear Technology LTC1484 Datasheet HTML 11Page - Linear Technology LTC1484 Datasheet HTML 12Page - Linear Technology LTC1484 Datasheet HTML 13Page - Linear Technology LTC1484 Datasheet HTML 14Page - Linear Technology LTC1484 Datasheet HTML 15Page - Linear Technology LTC1484 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC1484
longer delay for the falling edge is due to the larger voltage
range the line must swing (typically > 2V compared to
370mV) before the receiver trips high again. The differ-
ence in delay affects the duty cycle of the received data and
depends on cable capacitance. For a 1-foot STP cable, the
delays drop to 0.13
µs and 0.4µs. Using smaller valued
pull-up and pull-down resistors to equalize the positive
and negative voltage swings needed to trip the receivers
will reduce the difference in delay and increase the maxi-
mum data rate. With 220
Ω resistors, both rising and
falling edge delays are 2.2
µswhendrivinga1000-footSTP
cable as shown in Figure 12b.
The fail-safe feature of the LTC1484 receiver allows a
CDMA system to function without the A and B pull-up and
pull-down resistors. However, if the resistors are left out,
noise margin will be reduced to as low as 15mV and
propagation delays will increase significantly. Operation in
this mode is not recommended.
Since DE and RE are tied together, the part never shuts
down. The receiver inputs are never floating (due to the
external bias resistors) so that the tDZR timing does not
apply to this application. The whole system can be changed
to actively transmit only a “1” by swapping the pull-up and
pull-down resistors in Figure 11, shorting DI to VCC and
connecting the 1k resistor as a pull-down. In this configu-
ration the driver is noninverting and the receiver output RO
truly follows DE.
APPLICATIONS INFORMATION
PACKAGE DESCRIPTION Dimensions in inches (millimeters), unless otherwise noted.
MS8 Package
8-Lead Plastic MSOP
(LTC DWG # 05-08-1660)
MSOP (MS8) 1098
* DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH,
PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
** DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
0.021
± 0.006
(0.53
± 0.015)
0
° – 6° TYP
SEATING
PLANE
0.007
(0.18)
0.040
± 0.006
(1.02
± 0.15)
0.012
(0.30)
REF
0.006
± 0.004
(0.15
± 0.102)
0.034
± 0.004
(0.86
± 0.102)
0.0256
(0.65)
BSC
12
3
4
0.193
± 0.006
(4.90
± 0.15)
8
7 6
5
0.118
± 0.004*
(3.00
± 0.102)
0.118
± 0.004**
(3.00
± 0.102)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com