Electronic Components Datasheet Search
  English  ▼

X  

LTC1484 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1484
Description  Low Power RS485 Transceiver with Receiver Fail-Safe
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1484 Datasheet(HTML) 4 Page - Linear Technology

  LTC1484 Datasheet HTML 1Page - Linear Technology LTC1484 Datasheet HTML 2Page - Linear Technology LTC1484 Datasheet HTML 3Page - Linear Technology LTC1484 Datasheet HTML 4Page - Linear Technology LTC1484 Datasheet HTML 5Page - Linear Technology LTC1484 Datasheet HTML 6Page - Linear Technology LTC1484 Datasheet HTML 7Page - Linear Technology LTC1484 Datasheet HTML 8Page - Linear Technology LTC1484 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1484
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tZH(SHDN)
Driver Enable from Shutdown to Output High
CL = 100pF (Figures 5, 7) S2 Closed,
q
40
100
ns
DI = DE
tZL(SHDN)
Driver Enable from Shutdown to Output Low
CL = 100pF (Figures 5, 7) S1 Closed,
q
40
100
ns
DI = 0
tZH(SHDN) Receiver Enable from Shutdown to Output High
CL = 15pF (Figures 3, 9) S2 Closed,
q
10
µs
DE = 0
tZL(SHDN)
Receiver Enable from Shutdown to Output Low
CL = 15pF (Figures 3, 9) S1 Closed,
q
10
µs
DE = 0
Note 1: Absolute Maximum Ratings are those values beyond which the life of
a device may be impaired.
Note 2: All typicals are given for VCC = 5V and TA = 25°C.
Note 3: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to device ground unless
otherwise specified.
Note 4: For higher ambient temperatures, the part may enter thermal
shutdown during short-circuit conditions.
Note 5: Guaranteed by design.
Note 6: Time for ICC to drop to ICC/2 when the receiver is disabled.
SWITCHING CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V ±5% (Notes 2 and 3) unless otherwise noted.
TYPICAL PERFOR A CE CHARACTERISTICS
INPUT VOLTAGE (V)
–0.2
–0.16
–0.12
–0.08
–0.04
0
1484 G01
6
5
4
3
2
1
0
TA = 25°C
VCC = 5V
VTH(HIGH)
VTH(LOW)
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1484 G02
0
–0.05
–0.10
–0.15
–0.20
–0.25
VCC = 5V
VTH(HIGH)
VCM = –7V
VCM = 12V
VCM = 0V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1484 G03
0
–0.05
–0.10
–0.15
–0.20
–0.25
VCC = 5V
VTH(LOW)
VCM = –7V
VCM = 12V
VCM = 0V
Receiver Output Voltage vs Input
Voltage
Receiver Input Threshold Voltage
(Output High) vs Temperature
Receiver Input Threshold Voltage
(Output Low) vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com