Electronic Components Datasheet Search
  English  ▼

X  

LTC1545 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1545
Description  Software-Selectable Multiprotocol Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1545 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1545 Datasheet HTML 8Page - Linear Technology LTC1545 Datasheet HTML 9Page - Linear Technology LTC1545 Datasheet HTML 10Page - Linear Technology LTC1545 Datasheet HTML 11Page - Linear Technology LTC1545 Datasheet HTML 12Page - Linear Technology LTC1545 Datasheet HTML 13Page - Linear Technology LTC1545 Datasheet HTML 14Page - Linear Technology LTC1545 Datasheet HTML 15Page - Linear Technology LTC1545 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC1545
TYPICAL APPLICATIONS
10
17
18
D2
D1
LTC1545
D3
R2
R1
R3
VCC
VDD
VEE
GND
D4
1,19
2,20
3
4
5
6
7
8
9
R4EN
D4ENB
15
16
24
23
22
25
26
27
28
29
30
31
32
33
34
35
36
M0
M1
M2
DCE/DTE
11
12
13
14
D5
21
R4
R5
D2
LTC1543
RXD
RXC
TXC
SCTE
TXD
CTS
DSR
DCD
DTR
RI
LL
RTS
RL
TM
M0
M1
M2
DCE/DTE
VCC
5V
NC
NC
3
16
17
9
15
12
24
11
2
1
5
13
6
8
22
10
20
23
4
19
7
14
1544 F23
D3
R2
R1
R3
D1
C2
1
µF
C1
1
µF
C5
1
µF
C3
1
µF
C4
3.3
µF
16
10
9
7
6
4
3
8
11
12
13
5
2
15 18 17 19 20 22
LTC1344A
C6
100pF
C7
100pF
C8
100pF
VCC
VCC
VCC
5V
23 24
14
1
CHARGE
PUMP
28
3
1
2
4
5
6
7
8
9
10
NC
11
12
13
14
27
26
25
24
23
22
21
20
19
18
17
16
15
VEE
M0
M1
M2
21
LATCH
C12
1
µF
C13
1
µF
C11
1
µF
C10
1
µF
C9
1
µF
RXD A (104)
RXD B
RXC A (115)
RXC B
SCTE A (113)
SCTE B
TXD A (103)
TXD B
TXC A (114)
TXC B
SGND (102)
SHIELD (101)
DB-25 FEMALE
CONNECTOR
CTS A (106)
CTS B
DSR A (107)
DSR B
RTS A (105)
RTS B
DCD A (109)
DCD B
DTR A (108)
DTR B
18
*
*OPTIONAL
21
25
LL (141)
RL (140)
TM (142)
RI (125)
Figure 23. Controller-Selectable DCE Port with DB-25 Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com