| Electronic Components Datasheet Search |
|
LTC1545 Datasheet(PDF) 4 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1545 Datasheet(HTML) 4 Page - Linear Technology |
|
4 / 16 page ![]() 4 LTC1545 ELECTRICAL CHARACTERISTICS Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: All currents into device pins are positive; all currents out of device are negative. All voltages are referenced to device ground unless otherwise specified. Note 3: All typicals are given for VCC = 5V, VDD = 8V, VEE = – 7V for V.28, – 5.5V for V.10, V.11 and TA = 25°C. SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS V.10 Driver VO Output Voltage Open Circuit, RL = 3.9k q ±4 ±6V VT Output Voltage RL = 450Ω (Figure 3) q ±3.6 V RL = 450Ω (Figure 3) 0.9VO ISS Short-Circuit Current VO = GND ±150 mA IOZ Output Leakage Current – 0.25V ≤ VO ≤ 0.25V, Power Off or q ±0.1 ±100 µA No-Cable Mode or Driver Disabled tr, tf Rise or Fall Time RL = 450Ω, CL = 100pF (Figures 3, 7) 2 µs tPLH Input to Output RL = 450Ω, CL = 100pF (Figures 3, 7) 1 µs tPHL Input to Output RL = 450Ω, CL = 100pF (Figures 3, 7) 1 µs V.10 Receiver VTH Receiver Input Threshold Voltage q – 0.25 0.25 V ∆VTH Receiver Input Hysteresis q 25 50 mV IIN Receiver Input Current – 10V ≤ VA ≤ 10V q ±0.66 mA RIN Receiver Input Impedance – 10V ≤ VA ≤ 10V q 15 30 k Ω tr, tf Rise or Fall Time (Figures 4, 8) 15 ns tPLH Input to Output (Figures 4, 8) 55 ns tPHL Input to Output (Figures 4, 8) 109 ns ∆t Input to Output Difference, tPLH – tPHL (Figures 4, 8) 60 ns V.28 Driver VO Output Voltage Open Circuit q ±10 V RL = 3k (Figure 3) q ±5 ±8.5 V ISS Short-Circuit Current VO = GND q ±150 mA IOZ Output Leakage Current – 0.25V ≤ VO ≤ 0.25V, Power Off or q ±1 ±100 µA No-Cable Mode or Driver Disabled SR Slew Rate RL = 3k, CL = 2500pF (Figures 3, 7) q 430 V/ µs tPLH Input to Output RL = 3k, CL = 2500pF (Figures 3, 7) q 1.3 2.5 µs tPHL Input to Output RL = 3k, CL = 2500pF (Figures 3, 7) q 1.3 2.5 µs V.28 Receiver VTHL Input Low Threshold Voltage q 1.5 0.8 V VTLH Input High Threshold Voltage q 2 1.6 V ∆VTH Receiver Input Hysterisis q 0.1 0.3 V RIN Receiver Input Impedance – 15V ≤ VA ≤ 15V q 357 k Ω tr, tf Rise or Fall Time (Figures 4, 8) 15 ns tPLH Input to Output (Figures 4, 8) q 60 100 ns tPHL Input to Output (Figures 4, 8) q 150 450 ns The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VDD = 8V, VEE = – 7V for V.28, – 5.5V for V.10, V.11 (Notes 2, 3) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |