Electronic Components Datasheet Search
  English  ▼

X  

LTC1545 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1545
Description  Software-Selectable Multiprotocol Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1545 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1545 Datasheet HTML 2Page - Linear Technology LTC1545 Datasheet HTML 3Page - Linear Technology LTC1545 Datasheet HTML 4Page - Linear Technology LTC1545 Datasheet HTML 5Page - Linear Technology LTC1545 Datasheet HTML 6Page - Linear Technology LTC1545 Datasheet HTML 7Page - Linear Technology LTC1545 Datasheet HTML 8Page - Linear Technology LTC1545 Datasheet HTML 9Page - Linear Technology LTC1545 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1545
TEST CIRCUITS
Figure 3. V.10/V.28 Driver Test Circuit
A
D
1545 F03
RL
CL
A
D
1545 F04
15pF
R
A
Figure 4. V.10/V.28 Receiver Test Circuit
(Note 1) (Note 2)
(Note 1)
(Note 3)
LTC1545 MODE NAME
M2
M1
M0
D1
D2
D3
D4
D5
R1
R2
R3
R4
R5
Not Used (Default V.11)
0
0
0
V.11
V.11
V.11
V.10
V.10
V.11
V.11
V.11
V.10
V.10
RS530A
0
0
1
V.11
V.10
V.11
V.10
V.10
V.11
V.10
V.11
V.10
V.10
RS530
0
1
0
V.11
V.11
V.11
V.10
V.10
V.11
V.11
V.11
V.10
V.10
X.21
0
1
1
V.11
V.11
V.11
V.10
V.10
V.11
V.11
V.11
V.10
V.10
V.35
1
0
0
V.28
V.28
V.28
V.28
V.28
V.28
V.28
V.28
V.28
V.28
RS449/V.36
1
0
1
V.11
V.11
V.11
V.10
V.10
V.11
V.11
V.11
V.10
V.10
V.28/RS232
1
1
0
V.28
V.28
V.28
V.28
V.28
V.28
V.28
V.28
V.28
V.28
D4ENB = 1, R4EN = 0
111ZZZZZZZZ
Z
Z
M0 = M1 = M2 = 1
ODE SELECTIO
Note 1: Driver 3 and Receiver 1 are enabled (and disabled) by
DCE/DTE (Pin 14). Logic high enables Driver 3. Logic low enables
Receiver 1.
Note 2: Driver 4 is enabled by D4ENB = 0 (Pin 15).
Note 3: Receiver 4 is enabled by R4EN = 1 (Pin 16).
SWITCHI G TI E WAVEFOR S
Figure 5. V.11 Driver Propagation Delays
5V
1.5V
1.5V
50%
10%
90%
tPLH
t r
0V
VO
VO
–VO
D
B – A
A
B
tPHL
tSKEW
tSKEW
1545 F05
1/2 VO
f = 1MHz : tr ≤ 10ns : tf ≤ 10ns
VDIFF = V(B) – V(A)
50%
10%
90%
t f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com