Electronic Components Datasheet Search
  English  ▼

X  

LTC1690 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1690
Description  Differential Driver and Receiver Pair with Fail-Safe Receiver Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1690 Datasheet(HTML) 2 Page - Linear Technology

  LTC1690 Datasheet HTML 1Page - Linear Technology LTC1690 Datasheet HTML 2Page - Linear Technology LTC1690 Datasheet HTML 3Page - Linear Technology LTC1690 Datasheet HTML 4Page - Linear Technology LTC1690 Datasheet HTML 5Page - Linear Technology LTC1690 Datasheet HTML 6Page - Linear Technology LTC1690 Datasheet HTML 7Page - Linear Technology LTC1690 Datasheet HTML 8Page - Linear Technology LTC1690 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1690
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOD1
Differential Driver Output Voltage (Unloaded)
IO = 0
q
VCC
V
VOD2
Differential Driver Output Voltage (with Load)
R = 50
Ω; (RS422)
q
2V
R = 22
Ω or 27Ω; (RS485), Figure 1
q
1.5
5
V
VOD3
Differential Driver Output Voltage (with Common Mode)
VTST = –7V to 12V, Figure 2
1.5
5
V
∆VOD
Change in Magnitude of Driver Differential Output
R = 22
Ω, 27Ω or 50Ω, Figure 1
q
0.2
V
Voltage for Complementary Output States
VTST = –7V to 12V, Figure 2
VOC
Driver Common Mode Output Voltage
R = 22
Ω, 27Ω or 50Ω, Figure 1
q
3V
∆|VOC|
Change in Magnitude of Driver Common Mode
R = 22
Ω, 27Ω or 50Ω, Figure 1
q
0.2
V
Output Voltage for Complementary Output States
VIH
Input High Voltage
Driver Input (D)
q
2V
VIL
Input Low Voltage
Driver Input (D)
q
0.8
V
IIN1
Input Current
Driver Input (D)
q
±2
µA
IIN2
Input Current (A, B)
VCC = 0V or 5.25V, VIN = 12V
q
1mA
VCC = 0V or 5.25V, VIN = –7V
q
–0.8
mA
VTH
Differential Input Threshold Voltage for Receiver
–7V
≤ VCM ≤ 12V
q
– 0.20
– 0.01
V
∆VTH
Receiver Input Hysteresis
VCM = 0V
±30
mV
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) .............................................. 6.5V
Driver Input Voltage ..................... –0.3V to (VCC + 0.3V)
Driver Output Voltages ................................. –7V to 10V
Receiver Input Voltages .........................................
±14V
Receiver Output Voltage .............. –0.3V to (VCC + 0.3V)
Junction Temperature ........................................... 125
°C
Operating Temperature Range
LTC1690C ........................................ 0
°C ≤ TA ≤ 70°C
LTC1690I ..................................... – 40
°C ≤ TA ≤ 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
(Note 1)
ORDER PART
NUMBER
MS8 PART MARKING
ORDER PART
NUMBER
LTC1690CMS8
LTDA
S8 PART MARKING
1690
1690I
LTC1690CN8
LTC1690IN8
LTC1690CS8
LTC1690IS8
Consult factory for Military Grade Parts
1
2
3
4
8
7
6
5
TOP VIEW
VCC
R
D
GND
A
B
Z
Y
N8 PACKAGE
8-LEAD PLASTIC DIP
S8 PACKAGE
8-LEAD PLASTIC SO
D
R
TJMAX = 125°C, θJA = 130°C/W (N)
TJMAX = 125°C, θJA = 135°C/W (S)
1
2
3
4
8
7
6
5
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
VCC
R
D
GND
A
B
Z
Y
TJMAX = 125°C, θJA = 200°C/W
PACKAGE/ORDER INFORMATION
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V ±5% (Notes 2, 3)
DC ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com