Electronic Components Datasheet Search
  English  ▼

X  

LTC1690 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1690
Description  Differential Driver and Receiver Pair with Fail-Safe Receiver Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1690 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1690 Datasheet HTML 2Page - Linear Technology LTC1690 Datasheet HTML 3Page - Linear Technology LTC1690 Datasheet HTML 4Page - Linear Technology LTC1690 Datasheet HTML 5Page - Linear Technology LTC1690 Datasheet HTML 6Page - Linear Technology LTC1690 Datasheet HTML 7Page - Linear Technology LTC1690 Datasheet HTML 8Page - Linear Technology LTC1690 Datasheet HTML 9Page - Linear Technology LTC1690 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1690
TYPICAL PERFOR A CE CHARACTERISTICS
DRIVER DIFFERENTIAL OUTPUT VOLTAGE (V)
012345
1690 G22
100
90
80
70
60
50
40
30
20
10
0
TA = 25°C
DRIVER OUTPUT HIGH VOLTAGE (V)
01234
1690 G23
–100
–80
–60
–40
–20
0
TA = 25°C
VCC = 5V
DRIVER OUTPUT LOW VOLTAGE (V)
0
0.5
1
1.5
2
2.5
3
1690 G24
100
90
80
70
60
50
40
30
20
10
0
TA = 25°C
VCC = 5V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1690 G25
30
25
20
15
10
5
0
VCC = 5V
tPHL
tPLH
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1690 G26
4.0
3.5
3.0
2.5
2.0
1.5
1.0
VCC = 5V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1690 G29
250
200
150
100
50
0
VCC = 5.25V
OUTPUT HIGH
SHORT TO –7V
OUTPUT LOW
SHORT TO 10V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1690 G30
25
24
23
22
21
20
VCC = 5V
VCM = 12V
VCM = –7V
SUPPLY VOLTAGE (V)
4.5 4.6 4.7 4.8 4.9 5.0 5.1 5.2 5.3 5.4 5.5
1690 G27
30
25
20
15
10
5
0
tPHL
tPLH
Driver Differential Output Voltage
vs Output Current
Driver Output High Voltage vs
Output Current
Driver Output Low Voltage vs
Output Current
Driver Propagation Delay vs
Temperature
Driver Skew vs Temperature
Driver Propagation Delay vs
Supply Voltage
Driver Short-Circuit Current vs
Temperature
Receiver Input Resistance vs
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com