Electronic Components Datasheet Search
  English  ▼

X  

LTC1690 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1690
Description  Differential Driver and Receiver Pair with Fail-Safe Receiver Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1690 Datasheet(HTML) 4 Page - Linear Technology

  LTC1690 Datasheet HTML 1Page - Linear Technology LTC1690 Datasheet HTML 2Page - Linear Technology LTC1690 Datasheet HTML 3Page - Linear Technology LTC1690 Datasheet HTML 4Page - Linear Technology LTC1690 Datasheet HTML 5Page - Linear Technology LTC1690 Datasheet HTML 6Page - Linear Technology LTC1690 Datasheet HTML 7Page - Linear Technology LTC1690 Datasheet HTML 8Page - Linear Technology LTC1690 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1690
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1690 G04
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
VCC = 5V
VCM = 12V
VCM = –7V
VCM = 0V
SUPPLY VOLTAGE (V)
4.5
4.75
5
5.25
5.5
1690 G05
–40
–60
–80
–100
–120
–140
–160
TA = 25°C
OUTPUT HIGH
OUTPUT LOW
RECEIVER OUTPUT HIGH VOLTAGE (V)
5
3.5
2.5
1690 G06
4.5
4
3
–25
–20
–15
–10
–5
0
2
TA = 25°C
VCC = 4.75V
RECEIVER OUTPUT LOW VOLTAGE (V)
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
1690 G07
40
35
30
25
20
15
10
5
0
TA = 25°C
VCC = 4.75V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1690 G08
4.8
4.6
4.4
4.2
4.0
3.8
3.6
3.4
3.2
3.0
I = 8mA
VCC = 4.75V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1690 G09
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
I = 8mA
VCC = 4.75V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1690 G10
120
110
100
90
80
70
60
VCC = 5V
tPLH
tPHL
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1690 G11
10
9
8
7
6
5
4
3
2
VCC = 5V
SUPPLY VOLTAGE (V)
4.5 4.6 4.7 4.8 4.9
5
5.1 5.2 5.3 5.4 5.5
1690 G12
110
100
90
80
70
60
50
tPLH
tPHL
Receiver Input Offset Voltage vs
Temperature
Receiver Input Threshold Voltage
vs Supply Voltage
Receiver Output High Voltage vs
Output Current
Receiver Output Low Voltage vs
Output Current
Receiver Output High Voltage vs
Temperature
Receiver Output Low Voltage vs
Temperature
Receiver Propagation Delay vs
Temperature
Receiver Skew
tPLH – tPHL vs
Temperature
Receiver Propagation Delay vs
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com