Electronic Components Datasheet Search
  English  ▼

X  

AN1324 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1324
Description  CALIBRATING THE RC OSCILLATOR OF THE ST7FLITE0 MCU USING THE MAINS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1324 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1324 Datasheet HTML 2Page - STMicroelectronics AN1324 Datasheet HTML 3Page - STMicroelectronics AN1324 Datasheet HTML 4Page - STMicroelectronics AN1324 Datasheet HTML 5Page - STMicroelectronics AN1324 Datasheet HTML 6Page - STMicroelectronics AN1324 Datasheet HTML 7Page - STMicroelectronics AN1324 Datasheet HTML 8Page - STMicroelectronics AN1324 Datasheet HTML 9Page - STMicroelectronics AN1324 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6/15
CALIBRATING THE RC OSCILLATOR OF THE ST7FLITE0 MCU USING THE MAINS
2 POWER SUPPLY AND TIMEBASE DELIVERY CIRCUIT
The following figures show circuits which will provide 5V DC to the ST7LITE0 and protect the
input capture from overcurrent. If no power supply is needed, the only component to keep is
the resistor on the LTIC input, which is mainly to protect from overcurrent.
2.1 BASIC CIRCUIT
This circuit contains a capacitive power supply which converts the 220V/50Hz of the mains, as
well as the 110V/60Hz of the US mains, into 5V DC.
Warning: be aware that this kind of power supply can’t be used if there are big current varia-
tions.
It also inputs 220V/50Hz to the Lite Timer Input Capture pin (LTIC/PA0) protected by resistor
R2.
The incoming alternating signal on the LTIC input pin is 220V/50Hz. Because of the clamping
diode on the input of the ST7FLITE0, the input signal can be considered as a 0-5V square
signal.
Figure 5. Power supply and timebase delivery circuit diagram
The maximum current available in the microcontroller depends on the C2 value. Table 1 gives
the maximum average current versus the capacitor value. The average current follows the
equation below:
VDD
GND
LTIC
ST7Lite0
zener
5.6V
C1
220uF/16V
1N4148
C2
220nF/400V
R1 47R/0.5W
R2 470k/0.5W
C2
(220V/50Hz)
Mains
Imax
Vmax 2 fC
⋅⋅ ⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com