Electronic Components Datasheet Search
  English  ▼

X  

AN1324 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1324
Description  CALIBRATING THE RC OSCILLATOR OF THE ST7FLITE0 MCU USING THE MAINS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1324 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1324 Datasheet HTML 1Page - STMicroelectronics AN1324 Datasheet HTML 2Page - STMicroelectronics AN1324 Datasheet HTML 3Page - STMicroelectronics AN1324 Datasheet HTML 4Page - STMicroelectronics AN1324 Datasheet HTML 5Page - STMicroelectronics AN1324 Datasheet HTML 6Page - STMicroelectronics AN1324 Datasheet HTML 7Page - STMicroelectronics AN1324 Datasheet HTML 8Page - STMicroelectronics AN1324 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AN1324/0604
1/15
Rev. 2
AN1324
APPLICATION NOTE
CALIBRATING THE RC OSCILLATOR OF THE
ST7FLITE0 MCU USING THE MAINS
INTRODUCTION
The ST7FLITE0 microcontroller contains an internal RC oscillator which can be trimmed to a
specific frequency with an accuracy of 1%. The oscillator frequency has to be calibrated by
software using the RCCR (RC Control Register). The value entered in the RCCR will switch on
a corresponding number of resistors that will modify the oscillator frequency. Whenever the
ST7FLITE0 microcontroller is reset, the RCCR is restored to its default value (FFh), so each
time the device is reset, you have to load the calibration value in the RCCR. There are prede-
fined calibration values stored in memory (refer to section 7.1 in the ST7FLITE0 datasheet)
You can load one of these values in the RCCR if one of the operating conditions matches that
in your application. Otherwise, you can define your own value, store it in EEPROM or any non-
volatile memory and load it in the RCCR register after each reset. However, if any of the ex-
ternal conditions (temperature or voltage, for instance) change too drastically, the stored value
may no longer produce the required 1% accuracy. One solution is to recalculate the RCCR
value after each reset, based on an external reference.
The purpose of this application note is to present a software solution using the frequency of
the European standard mains (220V/50Hz) as a timebase to adjust the internal RC oscillator
of the ST7FLITE0 to 1 MHz (1%). The same approach can also be used for the US mains
standard (110V/60Hz).
The basic software takes less than 160 ms to calibrate the oscillator and uses less than 90
bytes of program memory and five bytes of RAM for its simplest version. These RAM bytes
can be freed for other purposes when the calibration is done. Another example using averages
is given in this application note. This can be useful with noisy mains
This application note also contains the diagram of a low cost circuit which converts the mains
into a 5 volt power supply and protects the microcontroller from overcurrent on the input con-
nected to the mains.
1


Similar Part No. - AN1324

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN1324 PANASONIC-AN1324 Datasheet
34Kb / 3P
Quadruple Operational Amplifiers
AN1324NS PANASONIC-AN1324NS Datasheet
34Kb / 3P
Quadruple Operational Amplifiers
More results

Similar Description - AN1324

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1401T PHILIPS-TEA1401T Datasheet
166Kb / 20P
Power plug for the universal mains
1997 Mar 07
logo
Advanced Crystal Techno...
ACTF45-48 ACT-ACTF45-48 Datasheet
189Kb / 6P
the characteristics of the SAW Duplexer
SEPT 04
logo
Silicon Laboratories
AN681 SILABS-AN681 Datasheet
219Kb / 10P
USING THE Si87XX FAMILY OF DIGITAL ISOLATORS
logo
Analog Devices
CN-0072 AD-CN-0072 Datasheet
123Kb / 3P
Extending the Dynamic Range of the ADL5513 Logarithmic Detector Using the AD8368 Variable Gain Amplifier
REV. 0
logo
STMicroelectronics
AN2326 STMICROELECTRONICS-AN2326 Datasheet
250Kb / 20P
Calibrating the RC oscillator of the ST7ULTRALITE MCU using the mains
03-Apr-2006
AN2415 STMICROELECTRONICS-AN2415 Datasheet
307Kb / 11P
Using the output detection feature of the high-brightness
30-Aug-2007
AN2658 STMICROELECTRONICS-AN2658 Datasheet
189Kb / 23P
Using the analog to digital converter of the STM8S microcontroller
08-Jul-2009
AN3023 STMICROELECTRONICS-AN3023 Datasheet
289Kb / 23P
Using the analog-to-digital converter of the STM8A microcontroller
16-Oct-2009
UM1547 STMICROELECTRONICS-UM1547 Datasheet
523Kb / 51P
Using the firmware of the AT command set
24-Mar-2015
logo
NXP Semiconductors
AN1982 PHILIPS-AN1982_15 Datasheet
592Kb / 10P
Applying the oscillator of the SA602A in low-power mixer applications
Rev. 2-29 August 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com