Electronic Components Datasheet Search
  English  ▼

X  

AN1324 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1324
Description  CALIBRATING THE RC OSCILLATOR OF THE ST7FLITE0 MCU USING THE MAINS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1324 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1324 Datasheet HTML 3Page - STMicroelectronics AN1324 Datasheet HTML 4Page - STMicroelectronics AN1324 Datasheet HTML 5Page - STMicroelectronics AN1324 Datasheet HTML 6Page - STMicroelectronics AN1324 Datasheet HTML 7Page - STMicroelectronics AN1324 Datasheet HTML 8Page - STMicroelectronics AN1324 Datasheet HTML 9Page - STMicroelectronics AN1324 Datasheet HTML 10Page - STMicroelectronics AN1324 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7/15
CALIBRATING THE RC OSCILLATOR OF THE ST7FLITE0 MCU USING THE MAINS
In the case above, C2 is equal to 220nF so the available current is limited to 4.9 mA in the
case of a European mains. To have the same current levels in the case of the US mains
(110V/60Hz), C2 must be multiplied by two. A 440nF capacitor will limit the current to 4.9 mA.
For the US standard, R2 must be divided by two in order not to limit the current too much on
the LTIC input. A 220k resistor is enough in this case.
Table 1. Maximum MCU Current
2.2 HARDWARE PROTECTION
To prevent bad measurements due to noisy mains, a filter can be added between the mains
and the input capture of the LITE0. The following figure shows one example of a filter. This
filter is a pass band centered on the mains frequency in order to reject all frequency which
could be understood by the microcontroller as a mains edge.
Be aware that this is just a second order filter and that this may not be enough if the mains is
really noisy. Any kind of filter can be added on the LTIC.
Figure 6. Band pass filter
The pass band filter above must be tuned to mains frequency. The value of the resistors for
this filter is given in the table below.
Table 2. resistors values
CAPACITOR C2
MAXIMUM CURRENT
220nF
4.9mA
330nF
7.3mA
470nF
10.4mA
680nF
15mA
1uF
22.1mA
resistors
50Hz/220V
60Hz/110V
R1
6.8K/0.5W
5.6K/0.5W
R2
6.8K/0.5W
5.6K/0.5W
R3
470K/0.5W
220K/0.5W
C1
R1
R2
R3
C2
C2
LTIC
mains
470nF/400V
470nF/400V
470nF/250V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com