Electronic Components Datasheet Search
  English  ▼

X  

AN1379 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1379
Description  Z01 and ACS behavior compared under fast voltage transients
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1379 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1379 Datasheet HTML 2Page - STMicroelectronics AN1379 Datasheet HTML 3Page - STMicroelectronics AN1379 Datasheet HTML 4Page - STMicroelectronics AN1379 Datasheet HTML 5Page - STMicroelectronics AN1379 Datasheet HTML 6Page - STMicroelectronics AN1379 Datasheet HTML 7Page - STMicroelectronics AN1379 Datasheet HTML 8Page - STMicroelectronics AN1379 Datasheet HTML 9Page - STMicroelectronics AN1379 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Fast transient immunity tests
AN1379
6/10
Doc ID 8317 Rev 5
The high voltage output of the burst generator is connected:
–
In the case of the “plug test”: to a 33 nF capacitor with its other terminal connected
to L, N, ground, or several of these terminals (as required in the IEC 61000-4-4
standard).
–
In the case of the “I/O test”: to six 100 pF discrete capacitors with their other
terminal connected to the four A2 (or OUT), L and N terminals (in order to simulate
the coupling aluminum sheet).
A test is carried out for each coupling mode. The minimum burst level which causes a
spurious firing, of one of the four devices, is measured. Figure 8 gives the results of these
tests.
Sensitive Triacs and ACSs with identical gate currents were compared. For a 5 mA
maximum gate current, Z0107MA Triacs and ACS102-5TA devices were used. For a 10 mA
maximum gate current, Z0109MA Triacs and ACS108-5SA / ACS402-5SB4 devices were
used. All these components are in TO92 packages except the ACS402-5SB4 which is in
DIL20 package. One can see that using one ACS array instead of several devices is an
advantage in terms of noise immunity. Indeed, the board including four ACS108 in TO92 can
sustain up to 3.7 kV and the other, including ACS402 in DIL20, can sustain up to 4 kV.
It can be noticed that the generator used can only delivers bursts up to 4.5 kV. For some
ACS108 and ACS402 devices, this has not reached the level above which they turn on.
The different capability of these devices depends on the dV/dt characteristics. The device
can switch on due to excessive dV/dt rates. For example, Figure 9 shows, that a Z0109MA
turns on after a 17 kV/µs rate, due to a 2 kV burst coupled to the line in the “plug test”
configuration. As for the maximum junction temperature, 5 mA and 10 mA sensitivity ACSs
can sustain up to 300 V/µs and 500 V/µs respectively, whereas Triacs of similar sensitivities
only withstands 20 and 50 V/µs respectively, it is obvious that choosing ACSs will improve
the burst immunity of the electronic board.
“I/O tests” have also been carried out. The difference between Triacs and ACSs is more
difficult to prove as most of the devices sustain bursts higher than the maximum capacity of
the used generator (4.5 kV). Table 1 shows the results of these trials. In fact, the higher
immunity of ACSs could be demonstrated by removing the mains filter. In this case, the
board using ACS402-5SB4 will sustain bursts in the range of 4 kV, but for Z0109MA, the
capability drops to around 3 kV.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com