Electronic Components Datasheet Search
  English  ▼

X  

AN1379 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1379
Description  Z01 and ACS behavior compared under fast voltage transients
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1379 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1379 Datasheet HTML 1Page - STMicroelectronics AN1379 Datasheet HTML 2Page - STMicroelectronics AN1379 Datasheet HTML 3Page - STMicroelectronics AN1379 Datasheet HTML 4Page - STMicroelectronics AN1379 Datasheet HTML 5Page - STMicroelectronics AN1379 Datasheet HTML 6Page - STMicroelectronics AN1379 Datasheet HTML 7Page - STMicroelectronics AN1379 Datasheet HTML 8Page - STMicroelectronics AN1379 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
June 2010
Doc ID 8317 Rev 5
1/10
AN1379
Application note
Z01 and ACS behavior compared under fast voltage transients
Introduction
Home appliances such as washing machines, refrigerators and dishwashers integrate a lot
of low power loads such as valves, door lock systems, dispensers and drain pumps. These
loads are mains-powered in on / off mode, and are mostly controlled by Triacs or relays.
In most cases, the AC switching function now needs to be directly driven by a
microcontroller unit (MCU) and it must withstand the AC line transients to make the system
compliant with the new European Electromagnetic Compatibility (EMC) standards.
STMicroelectronics ACS™ (alternating current switches) have been designed to meet these
needs, as shown in this application note. Compared to Triacs, they offer high robustness and
dV/dt capability, while contributing to a substantial reduction of the overall electronic board
size.
The application specific discrete (ASD) concept, developed by STMicroelectronics, allows
several devices, such as diodes, thyristors, transistors and some passive components used
to make a complete function, to be integrated on the same silicon die. This technology has
been used to develop the new ACS structures.
An ACS embeds an integrated driver, a clamping structure, and a bidirectional, thyristor-type
switch (see Figure 1). The primary loads to be targeted by these new devices are high
inductive loads like electromagnets, where the serial inductance can reach teens of Henry
and the turn-off operation can thus cause many problems. The second section explains how
the clamping feature of ACSs enables them to directly drive any inductive load without any
external clamping device, such as metal oxide varistors, and how ACSs can also sustain
overvoltages coming from the mains.
Silicon devices are subjected not only to surge voltages but also to fast transient voltages,
as described in the IEC 61000-4-4 standard. They must not only present clamping ability but
also high immunity to high dV/dt rates. The results of tests reported in this application note
show the maximum levels withstood by ACSs and Triacs, for different gate sensitivities.
Figure 1.
ACS symbol description
TM: ACS is a trademark of STMicroelectronics
OUT
G
COM
Integrated
driver
Over voltage
protection
( Trisil™ -Like)
AC power
switch
TM: Trisil is a trademark of STMicroelectronics
www.st.com


Similar Part No. - AN1379

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN137 SILABS-AN137 Datasheet
380Kb / 36P
LITHIUM ION BATTERY CHARGER USING C8051F300
logo
List of Unclassifed Man...
AN1375-521P ETC1-AN1375-521P Datasheet
39Kb / 1P
AN0625-521P
logo
STMicroelectronics
AN1376 STMICROELECTRONICS-AN1376 Datasheet
1Mb / 35P
25W QUASI-RESONANT FLYBACK CONVERTER FOR
Nov-2001
More results

Similar Description - AN1379

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
PS222L SITI-PS222L Datasheet
145Kb / 13P
Over/Under-voltage protection and lock out
PS224 SITI-PS224 Datasheet
143Kb / 12P
Over/Under-voltage protection and lock out
PS224A SITI-PS224A Datasheet
138Kb / 10P
Over/Under-voltage protection and lock out
PS224A1 SITI-PS224A1 Datasheet
137Kb / 10P
Over/Under-voltage protection and lock out
PS224B SITI-PS224B Datasheet
136Kb / 10P
Over/Under-voltage protection and lock out
PS229 SITI-PS229 Datasheet
155Kb / 11P
Over/Under-voltage protection and lock out
PS252C SITI-PS252C Datasheet
136Kb / 10P
Over/Under-voltage protection and lock out
PS25A SITI-PS25A Datasheet
161Kb / 11P
Over/Under-voltage protection and lock out
logo
Megawin Technology Co.,...
MG39304AS1 MEGAWIN-MG39304AS1 Datasheet
264Kb / 18P
Under Voltage Protection
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-800J AVAGO-HCPL-800J Datasheet
503Kb / 18P
Under-Voltage Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com