Electronic Components Datasheet Search
  English  ▼

X  

AN1379 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1379
Description  Z01 and ACS behavior compared under fast voltage transients
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1379 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1379 Datasheet HTML 2Page - STMicroelectronics AN1379 Datasheet HTML 3Page - STMicroelectronics AN1379 Datasheet HTML 4Page - STMicroelectronics AN1379 Datasheet HTML 5Page - STMicroelectronics AN1379 Datasheet HTML 6Page - STMicroelectronics AN1379 Datasheet HTML 7Page - STMicroelectronics AN1379 Datasheet HTML 8Page - STMicroelectronics AN1379 Datasheet HTML 9Page - STMicroelectronics AN1379 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Conclusion
AN1379
8/10
Doc ID 8317 Rev 5
3
Conclusion
The IEC 61000-4-4 standard requires that for systems working on public power networks,
the system must operate without any problem during burst voltages up to 1 kV. It has been
shown that thanks to the mains filter, which is commonly added in washing machines in
order to reduce the noise generated by universal motor brushes, Triacs and ACSs of 5 mA
sensitivity can pass the standard requirements. However, some manufacturers increase the
burst level up to 2 kV. In this case, only ACSs will fulfill the requirement without additional
components.
As for the Triacs, they will turn on due to high dV/dt rates. An RC circuit must then be added
to even out the dV/dt and designers must manage the following trade-off:
1.
Reduce dV/dt rates: The snubber capacitance must be high and the snubber
resistance must be low.
2.
Reduce the dI/dt rate at turn on: The snubber capacitance must be low and the snubber
resistance must be high.
Along with the fact that these snubbers and the varistors are no longer required with ACSs,
using ACS reduces design time and increases electronic board reliability.
References
1.
“Thyristors and Triacs: holding current - an important parameter”, Application note
AN302, Revision 3, STMicroelectronics, March 2008.
2.
L.Gonthier, “A New Solid State Switch for Home Appliances”, International Appliance
Technical Conference, West Lafayette, Indiana (USA), May 1999.
3.
L.Gonthier, “A New Overvoltage-Protected Logic Level AC Switch Thanks to Functional
Integration”, European Conference on Power Electronics and Application (EPE'99),
Lausanne (Switzerland), September 1999.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com