Electronic Components Datasheet Search
  English  ▼

X  

AN1528 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1528
Description  The testflash is a ST reserved flash area that contains device information
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1528 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1528 Datasheet HTML 5Page - STMicroelectronics AN1528 Datasheet HTML 6Page - STMicroelectronics AN1528 Datasheet HTML 7Page - STMicroelectronics AN1528 Datasheet HTML 8Page - STMicroelectronics AN1528 Datasheet HTML 9Page - STMicroelectronics AN1528 Datasheet HTML 10Page - STMicroelectronics AN1528 Datasheet HTML 11Page - STMicroelectronics AN1528 Datasheet HTML 12Page - STMicroelectronics AN1528 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9/18
ST92F120/F124/150/F250 TESTFLASH
The Code Update routine also remaps the interrupts in TestFlash (ISR = 23h), and configures
pins 3 (SOUT0) and 4 (CLKOUT0) of Port 5 as Alternate Function.
The Code Update routine uses 4 Interrupt routines: SCI Receiver Error Interrupt routine
(vector in 0010h), SCI Address Match Interrupt routine (vector in 0012h), SCI Receiver Data
Ready Interrupt routine (vector in 0014h), SCI Transmitter Buffer Empty Interrupt routine
(vector in 0016h).
3.4 E3TM INITIALIZATION ROUTINE (230026H)
Inputs: None.
Outputs: R0.
Variables: R1-R47, R160-R223 (for Stack).
Goal: to initialize the E3TM Hardware Emulation.
This routine is automatically called by the Power-On routine, but it can be also called by any
other routine through a far call:
CALLS
23h, 0026h
;E3
TM Init
The E3TM Initialization routine performs the following operations:
■
read the NVCSS1 registers of sector E0 (229003h) and E1 (22D003h);
■
if the values of the two NVCSS1 registers are not coherent, the routine returns with the Error
Code 40h, without completing the E3TM Initialization;
■
if an aborted erase phase is detected, a Sector Erase operation is performed on the bad
sector;
■
write the VCSS1 register (222003h) with the sector number currently mapping the E3TM
data;
■
read the NVCSS0 registers of sector E0 (229001h) and E1 (22D001h);
CHCR - R250
83h
8 Data Bits
CCR - R251
E8h
rec. clock: ext RXCLK0
trx clock: int CLKOUT0
BRGHR - R252
00h
BRGLR - R253
04h
Baud Rate Divider is 4
SICR - R254
83h
Synchronous Mode
SOCR - R255
01h
Table 3. SCI0 Registers (page 24) initialization
Register
Value
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com