Electronic Components Datasheet Search
  English  ▼

X  

AN1528 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1528
Description  The testflash is a ST reserved flash area that contains device information
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1528 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1528 Datasheet HTML 1Page - STMicroelectronics AN1528 Datasheet HTML 2Page - STMicroelectronics AN1528 Datasheet HTML 3Page - STMicroelectronics AN1528 Datasheet HTML 4Page - STMicroelectronics AN1528 Datasheet HTML 5Page - STMicroelectronics AN1528 Datasheet HTML 6Page - STMicroelectronics AN1528 Datasheet HTML 7Page - STMicroelectronics AN1528 Datasheet HTML 8Page - STMicroelectronics AN1528 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4/18
ST92F120/F124/150/F250 TESTFLASH
2.1 VECTOR TABLE
The first 16 words of the TestFlash contain the Vector Table.
The Power-On Vector is read when exiting from Reset. The Monitor Vector is read in Em-
bedded Emulation Mode after an ETRAP instruction or an external Break. The NMI Vector is
read if a Non Maskable Interrupt occurs. The SCI Interrupt Vectors are used for the In-System
Programming routine.
Figure 2. Vector Table
2.1.1 Device identifier
This identifier contains the information about the device, its flash size and its reset vector lo-
cation.
2.1.2 Testflash code revision
The CheckSum is the sum of all the bytes from 230000h to 230E77h, it can be used to verify
if the actual TestFlash content is the most recent one, or if the TestFlash content is corrupted.
2.2 USER OTP AREA
The 124 bytes of TestFlash from 231F80h to 231FFBh are available to the User application as
One Time Programmable area (not erasable).
rev 2.6
rev 2.7
rev 2.7.1
Device
Flash
size
Device ID
(230008h)
TF rev
(23000
Ah)
Testflash
checksum
TF rev
(23000
Ah)
Testflash
checksum
TF rev
(23000
Ah)
Testflash
checksum
ST92F124/F150
64K
1024h
xx26h
933BFh
xx27h
8FC55h
0127h
8FBEBh
ST92F124/F150
128K
1080h
xx26h
9341Bh
xx27h
8FCB1h
0127h
8FC47h
ST92F250
256K
1100h
xx26h
9339Ch
xx27h
8FC32h
0127h
8FBC8h
230000h
230002h
Vector Table
Power-On Vector
Monitor Vector
230004h
NMI Vector
230006h
Mask Set Number
230010h
SCI Error Vector
230012h
230014h
230016h
SCI Address Match Vector
SCI Receiving End Vector
SCI Transmitting End Vector
230008h
Device Identifier
23000Ah
TestFlash Code Revision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com