Electronic Components Datasheet Search
  English  ▼

X  

AN1528 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1528
Description  The testflash is a ST reserved flash area that contains device information
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1528 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1528 Datasheet HTML 1Page - STMicroelectronics AN1528 Datasheet HTML 2Page - STMicroelectronics AN1528 Datasheet HTML 3Page - STMicroelectronics AN1528 Datasheet HTML 4Page - STMicroelectronics AN1528 Datasheet HTML 5Page - STMicroelectronics AN1528 Datasheet HTML 6Page - STMicroelectronics AN1528 Datasheet HTML 7Page - STMicroelectronics AN1528 Datasheet HTML 8Page - STMicroelectronics AN1528 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3/18
ST92F120/F124/150/F250 TESTFLASH
2 OVERVIEW
The structure of the TestFlash content is shown by the following figure:
Figure 1. ST9 TestFlash content
Vector Table
Power-On
Code Update routine
(in-system programming)
Otp area
124 bytes
Protections
230000h
230020h
231F78h
231F80h
231FFCh
routine
230023h
SCI Interrupt
routines
230026h
E3TM Initialization
E3TM
Management
routines
230029h
E3TM Swap Error:
Find Wrong Pages
23002Ch
E3TM Swap Error:
Find Wrong Bytes in given Page
23002Fh
E3TM Swap Error:
Complete aborted Swap phase
E3TM Reset
to delivery status
230032h
230035h
Reserved for Testing
(248 bytes)
231E80h
230E80h
Not Used
(4 Kbytes)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com