Electronic Components Datasheet Search
  English  ▼

X  

AN1530 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1530
Description  ACCURATE TIMEBASE FOR LOW-COST ST7 APPLICATIONS WITH INTERNAL RC OSCILLATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1530 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1530 Datasheet HTML 3Page - STMicroelectronics AN1530 Datasheet HTML 4Page - STMicroelectronics AN1530 Datasheet HTML 5Page - STMicroelectronics AN1530 Datasheet HTML 6Page - STMicroelectronics AN1530 Datasheet HTML 7Page - STMicroelectronics AN1530 Datasheet HTML 8Page - STMicroelectronics AN1530 Datasheet HTML 9Page - STMicroelectronics AN1530 Datasheet HTML 10Page - STMicroelectronics AN1530 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7/12
ACCURATE TIMEBASE FOR LOW-COST ST7 APPLICATIONS WITH INTERNAL RC...
TR =Transmission rate divisor
ETPR = Extended Transmit Prescaler Division
The above equation is used normally without the ETPR selection. Due to the flexibility of
ETPR range (1 to 255), this software solution calibrates the SCI baud rate using the ETPR
register. Software keeps PR=1 and TR=1. Again the fraction is applied to the numerator of the
equation as the variation affects the fcpu only. The equation becomes,
To calibrate the baud rate, software loads the value of 9600 in Tx. This gives the value in
terms of (PR * TR * ETPR). Software loads TR=PR=1, So the value is directly assigned to the
ETPR register. This value is loaded into the PR, TR and ETPR bits. For the 9600 baud rate,
this calibration gives ~9300 baud rate (where internal RC varies (-25%)). This software is able
to communicate with the PC hyperterminal after using this calibration.
Here for the 9600 baud rate calculation, ETPR = 13, PR = TR = 1, for fcpu = 2 MHz. When you
convert into Hex value from decimal, resolution will be of 0.5 count. So the accuracy is [(0.5/
13)*100] = 3.84%. Accuracy will be proportional to variations in Baud rate and same as that of
the ETPR. For higher baud rate values, you have to go for a resolution 0.25 (logic can be ex-
tended as shown in software) to achieve better accuracy.
If SCI doesn’t have the ETPR prescaler then we can load PR=1 and assign the counted value
to TR directly.
2 CONCLUSION
This software solution allows you to work with any time critical applications irrespective of the
variations of the internal RC oscillator frequency. Software is calibrated with reference to the
base of 4 MHz.
Software is developed using the ST7 software library functions. It takes less than 30ms for the
simple calibration version. With the averaging and glitch algorithms, it takes less than 325 ms.
Software includes correction for the PWM counter value and the SCI baud rate. The PWM
counter value gives the frequency with an accuracy of 1-2% and the SCI baud rate gives an
accuracy of 3-4% after using this calibration software, when internal RC oscillator varies by (-
25%).
Tx
fcpu
fraction
×
16
PR
×
() TR
×
ETPR
×
---------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com