Electronic Components Datasheet Search
  English  ▼

X  

AN1530 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1530
Description  ACCURATE TIMEBASE FOR LOW-COST ST7 APPLICATIONS WITH INTERNAL RC OSCILLATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1530 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1530 Datasheet HTML 1Page - STMicroelectronics AN1530 Datasheet HTML 2Page - STMicroelectronics AN1530 Datasheet HTML 3Page - STMicroelectronics AN1530 Datasheet HTML 4Page - STMicroelectronics AN1530 Datasheet HTML 5Page - STMicroelectronics AN1530 Datasheet HTML 6Page - STMicroelectronics AN1530 Datasheet HTML 7Page - STMicroelectronics AN1530 Datasheet HTML 8Page - STMicroelectronics AN1530 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2/12
ACCURATE TIMEBASE FOR LOW-COST ST7 APPLICATIONS WITH INTERNAL RC...
1 SOFTWARE SOLUTION
1.1 MEASUREMENT PRINCIPLE
To measure the frequency of the internal RC, software uses the input capture pin of 16-bit
TIMER A. A calibrated source is applied with 50Hz on the capture pin. Every falling edge on
this pin generates an interrupt (at 20ms time duration).
Software has taken the internal RC frequency of typically 4 MHz as per the datasheet. The
TIMER clock is selected as fcpu/2 (1 MHz). Counter overflow is generated after 65.532 ms
(0xFFFF). This internal RC frequency should be chosen between the datasheet. max. and
min. RC frequency values. Capture1 and Capture2 are stored as shown in Figure 1.
Figure 1. Timer Input Capture to measure the Reference frequency.
Here two possibilities can occur during the calculation of the capture elapsed time. If Capture1
and Capture2 are on the single counter (as shown in Figure 1), time is calculated simply by
Capture Counter = Capture2 - Capture1
Second possibility is that counter overflow generates between the measurement of the
Capture1 and Capture2. This leads to a more complex calculation given by
Capture Counter= ((0xffff - capture1) + capture2)
This Measured Capture Counter is compared with the Ideal Capture Counter. Ideal Capture
Counter is calculated manually and here for the fcpu = 2 MHz, it gives 0x4E20. With this infor-
mation Internal RC deviation is found.
FFFFh
0000h
Calibrated source for
5 Vpp, 50 Hz
Free running
counter of TIMER A
Capture1
Capture2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com