Electronic Components Datasheet Search
  English  ▼

X  

AN1530 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1530
Description  ACCURATE TIMEBASE FOR LOW-COST ST7 APPLICATIONS WITH INTERNAL RC OSCILLATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1530 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1530 Datasheet HTML 1Page - STMicroelectronics AN1530 Datasheet HTML 2Page - STMicroelectronics AN1530 Datasheet HTML 3Page - STMicroelectronics AN1530 Datasheet HTML 4Page - STMicroelectronics AN1530 Datasheet HTML 5Page - STMicroelectronics AN1530 Datasheet HTML 6Page - STMicroelectronics AN1530 Datasheet HTML 7Page - STMicroelectronics AN1530 Datasheet HTML 8Page - STMicroelectronics AN1530 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
ACCURATE TIMEBASE FOR LOW-COST ST7 APPLICATIONS WITH INTERNAL RC...
This fraction can be used to calibrate the other peripheral parameters to add precision to the
the timing calculations.
If a Mains Supply is used as an external source, this solution works for an European Supply
(50 Hz)). If a US supply (60 Hz) is used, the calculated Capture Counter will be 0x411B to find
the fraction for internal RC deviation.
A software routine is developed to find this fraction and utilize it to calibrate the peripheral pa-
rameters. this routine is included in the application. The basic software takes less than 30ms
to find the fraction, which gives the deviation of real RC frequency with reference to the da-
tasheet frequency. This application includes a glitch filter algorithm and also takes the average
of 8 samples for finding the fraction. The basic algorithm and the average + glitch algorithms
are described in the next chapters. The software takes less than 325ms with the averaging
and glitch algorithms.
This routine execution time includes the 8 capture elapsed times, waiting times for the cap-
tures and the loop calculations inside the routine. The routine execution time is affected mostly
by the capture waiting times. This routine will run in the background of the main application, so
MCU can run other tasks during this 30ms (basic software algorithm) or 325ms (for average
and glitch algorithm) period.
InternalRCDeviationFraction
MeasuredCaptureCounter
CalculatedCaptureCounter
-------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com