Electronic Components Datasheet Search
  English  ▼

X  

LT3464 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3464
Description  Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3464 Datasheet(HTML) 1 Page - Linear Technology

  LT3464 Datasheet HTML 1Page - Linear Technology LT3464 Datasheet HTML 2Page - Linear Technology LT3464 Datasheet HTML 3Page - Linear Technology LT3464 Datasheet HTML 4Page - Linear Technology LT3464 Datasheet HTML 5Page - Linear Technology LT3464 Datasheet HTML 6Page - Linear Technology LT3464 Datasheet HTML 7Page - Linear Technology LT3464 Datasheet HTML 8Page - Linear Technology LT3464 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT3464
1
3464f
TYPICAL APPLICATIO
APPLICATIO S
DESCRIPTIO
FEATURES
s
Tiny Solution Size
s
Low Quiescent Current
• 25
µA in Active Mode
• 0.5
µA in Shutdown Mode
s
Internal 115mA, 36V Switch
s
Integrated Schottky Diode
s
Integrated PNP Output Disconnect with
Short-Circuit Protection
s
Internal Reference Override Pin
s
16V at 8mA from 3.6V Input
s
12V at 20mA from 5V Input
s
Input Range: 2.3V to 10V
s
High Output Voltage: Up to 34V
s
Low Profile (1mm) SOT-23 Package
Micropower Boost
Converter with Schottky and
Output Disconnect in ThinSOT™
The LT®3464 is a micropower step-up DC/DC converter
with integrated Schottky diode and output disconnect
packaged in an 8-lead low profile (1mm) SOT-23. The
small package size, high level of integration, and the use
of tiny SMT components yield a solution size of less than
40mm2. The LT3464 has a typical current limit of 115mA
as well as fast switching speed to allow the use of a chip
inductor and small ceramic capacitors. The internal PNP
disconnects the output load from the input during shut-
down, and also provides output short-circuit protection.
An auxiliary reference input allows the user to override the
internal 1.25V feedback reference with any lower value,
allowing full control of the output voltage during opera-
tion. This device features a low 25
µA quiescent current,
which is further reduced to less than 0.5
µA in shutdown.
A current limited fixed off-time control scheme conserves
operating current, resulting in high efficiency over a broad
range of operating current. The rugged 36V switch and
output disconnect circuitry allow outputs up to 34V to be
easily generated in a simple boost topology.
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
OEL Panel Bias
s
LCD Bias
s
Handheld Computers
s
Battery Backup
s
Digital Cameras
s
Cellular Phones
CTRL
SHDN
VIN
VIN
2.3V TO 10V
VOUT
16V
SW
GND
OUT
CAP
FB
LT3464
22
µH
1
µF
0.22
µF
0.33
µF
3.48M
294k
3464 TA01a
ThinSOT is a trademark of Linear Technolgy Corporation
Efficiency
LOAD CURRENT (mA)
90
80
70
60
50
40
30
0.01
1
10
100
3464 TA01b
0.1
VIN = 8.4V
VIN = 4.2V


Similar Part No. - LT3464

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3464 LINER-LT3464 Datasheet
260Kb / 16P
Micropower Boost Converter with Integrated Schottky and Output Disconnect in ThinSOT
LT3464 LINER-LT3464 Datasheet
240Kb / 16P
Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT?
LT3464ETS8 LINER-LT3464ETS8 Datasheet
260Kb / 16P
Micropower Boost Converter with Integrated Schottky and Output Disconnect in ThinSOT
LT3464ETS8 LINER-LT3464ETS8 Datasheet
240Kb / 16P
Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT?
LT3464 LINER-LT3464_1 Datasheet
240Kb / 16P
Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT?
More results

Similar Description - LT3464

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3400 LINER-LTC3400 Datasheet
181Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3459 LINER-LTC3459 Datasheet
216Kb / 12P
10V Micropower Synchronous Boost Converter in ThinSOT
LT3464 LINER-LT3464 Datasheet
260Kb / 16P
Micropower Boost Converter with Integrated Schottky and Output Disconnect in ThinSOT
LT3464 LINER-LT3464_1 Datasheet
240Kb / 16P
Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT?
LT3473 LINER-LT3473 Datasheet
269Kb / 12P
Micropower 1A Boost Converter with Schottky and Output Disconnect
LTC3400-1 LINER-LTC3400-1 Datasheet
294Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3400-1 LINER-LTC3400-1_15 Datasheet
300Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LT3473 LINER-LT3473_15 Datasheet
275Kb / 12P
Micropower 1A Boost Converter with Schottky and Output Disconnect
LT3473A LINER-LT3473A_15 Datasheet
275Kb / 12P
Micropower 1A Boost Converter with Schottky and Output Disconnect
LTC3400 LINER-LTC3400_15 Datasheet
223Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com