Electronic Components Datasheet Search
  English  ▼

X  

LT3464 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3464
Description  Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3464 Datasheet(HTML) 5 Page - Linear Technology

  LT3464 Datasheet HTML 1Page - Linear Technology LT3464 Datasheet HTML 2Page - Linear Technology LT3464 Datasheet HTML 3Page - Linear Technology LT3464 Datasheet HTML 4Page - Linear Technology LT3464 Datasheet HTML 5Page - Linear Technology LT3464 Datasheet HTML 6Page - Linear Technology LT3464 Datasheet HTML 7Page - Linear Technology LT3464 Datasheet HTML 8Page - Linear Technology LT3464 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT3464
5
3464f
CTRL (Pin 1):
Internal Reference Override Pin. This allows
the FB voltage to be externally set between 0V and 1.25V.
Tie this pin to above 1.5V (V IN for example) to use the
internal 1.25V reference.
VV
R
R
OUT
CTRL
=+


2
1
1
when VCTRL is less than 1.25V (see Figure 4)
FB (Pin 2):
Feedback Pin. The LT3464 regulates its feed-
back pin to 1.25V if the internal reference is used or to
VCTRL if the CTRL pin is between 0V and 1.25V. Connect
the feedback resistor divider tap to this pin. Set the output
voltage by selecting R1 and R2 (see Figure 4).
RR
V
V
OUT
REF
21
1
=


–
OUT (Pin 3):
PNP Collector. This is the output of the
Output Disconnect circuit. Bypass this pin with at least a
0.1
µF capacitor connected to the CAP pin or to ground.
GND (Pin 4):
Ground. Tie this pin directly to the ground
plane.
CAP (Pin 5):
PNP Emitter and Schottky Cathode. This pin
connects to the output capacitor, and optionally to the
external phase-lead capacitor.
SW (Pin 6):
Switch Pin and Schottky Anode. This is the
collector of the internal NPN power switch. Minimize the
metal trace area connected to the pin to minimize EMI.
VIN (Pin 7): Input Supply Pin: Bypass this pin with a
capacitor located as close to the device as possible.
SHDN (Pin 8):
Shutdown Pin. This pin is used to put the
device in shutdown mode. Tie the pin low to shut down the
LT3464. Tie high for normal operation See the electrical
specifications for the required voltages.
PI FU CTIO S
FB Pin Voltage vs
CTRL Pin Voltage
FB and CTRL Pin
Bias Currents
TYPICAL PERFOR A CE CHARACTERISTICS
12
10
8
6
4
2
0
3464 G19
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
3464 G18
8
7
6
5
4
3
2
1
0
CTRL PIN
FEEDBACK PIN
1.50
1.25
1.00
0.75
0.50
0.25
0
3464 G17
CONTROL PIN VOLTAGE (V)
0
0.25 0.5 0.75 1.0 1.25
1.5 1.75
FB Pin Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com