Electronic Components Datasheet Search
  English  ▼

X  

LT3464 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3464
Description  Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3464 Datasheet(HTML) 3 Page - Linear Technology

  LT3464 Datasheet HTML 1Page - Linear Technology LT3464 Datasheet HTML 2Page - Linear Technology LT3464 Datasheet HTML 3Page - Linear Technology LT3464 Datasheet HTML 4Page - Linear Technology LT3464 Datasheet HTML 5Page - Linear Technology LT3464 Datasheet HTML 6Page - Linear Technology LT3464 Datasheet HTML 7Page - Linear Technology LT3464 Datasheet HTML 8Page - Linear Technology LT3464 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT3464
3
3464f
TYPICAL PERFOR A CE CHARACTERISTICS
Switch Saturation Voltage
ISW = 80mA
Switch Current Limit
Switch Off-Time, VCAP – VIN = 5V
Minimum Switch On-Time
Switch Off-Time, VCAP – VIN = 0V
Output Disconnect Voltage Drop
Output Disconnect Quiescent
Current
Output Disconnect Current Limit
Output Disconnect Voltage Drop
220
200
180
160
140
120
100
3464 G01
60
50
40
30
20
10
0
COLLECTOR CURRENT (mA)
0
300
250
200
150
100
50
0
10
20
3464 G09
30
300
250
200
150
100
50
0
3464 G06
TEMPERATURE (
°C)
140
120
100
80
60
40
20
0
3464 G02
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
3464 G03
400
350
300
250
200
150
100
50
0
3464 G05
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
3464 G04
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
3464 G07
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
3464 G08
100
90
80
70
60
50
40
30
20
10
0
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
IOUT = 200µA
IOUT = 10mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com