Electronic Components Datasheet Search
  English  ▼

X  

LT3482 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3482
Description  90V Boost DC/DC Converter with APD Current Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3482 Datasheet(HTML) 1 Page - Linear Technology

  LT3482 Datasheet HTML 1Page - Linear Technology LT3482 Datasheet HTML 2Page - Linear Technology LT3482 Datasheet HTML 3Page - Linear Technology LT3482 Datasheet HTML 4Page - Linear Technology LT3482 Datasheet HTML 5Page - Linear Technology LT3482 Datasheet HTML 6Page - Linear Technology LT3482 Datasheet HTML 7Page - Linear Technology LT3482 Datasheet HTML 8Page - Linear Technology LT3482 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT3482
1
3482fa
90V Boost DC/DC
Converter with APD
Current Monitor
The LT
®3482 is a fixed frequency current mode step-up
DC/DC converter with voltage doubler designed to bias
avalanche photodiodes (APDs) in optical receivers. It can
provide up to 90V output. The LT3482 features high side
APD current monitoring with better than 10% relative ac-
curacy over the entire temperature range. The integrated
power switch, Schottky diodes and APD current monitor
allow a small converter footprint and low solution cost.
Constant switching frequency results in predictable output
noise that is easy to filter. The inductor-based topology
ensures an input free from switching noise. An integrated
high side current monitor produces a current proportional
to APD current with better than 10% relative accuracy
over four decades of dynamic range in the input range of
250nA to 2.5mA. This current can be used as a reference
to provide a digitally programmed output voltage via the
CTRL pin. The LT3482 is available in the tiny footprint
(3mm
× 3mm) 16-lead QFN package.
■ APD Bias
■ PIN Diode Bias
■ Optical Receivers and Modules
■ Fiber Optic Network Equipment
■ High Output Voltage: Up to 90V
■ Integrated Schottky Diodes
■ 48V, 280mA Internal Switch
■ High Side APD Current Monitor
■ Adjustable Switching Frequency: 650kHz or 1.1MHz
■ Wide VIN Range: 2.5V to 16V
■ Surface Mount Components
■ Low Shutdown Current: <1µA
■ Soft-Start
■ Internal Compensation
■ CTRL Pin Allows Output Adjustment with No Polarity
Inversion
■ 3mm
× 3mm 16-Lead QFN Package
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
1
µF
0.1
µF
1M
MONIN
VIN
fSET
SHDN
CTRL
GND
VOUT2
VOUT1
FB
SW
PUMP
LT3482
MON
APD
OFF ON
VIN
5V
14k
85V
AT 2.5mA
3482 TA01a
0.47
µF
0.47
µF
0.1
µF
10k
10nF
0.1
µF
10
µH
VAPD
RIPPLE
100
mV/DIV
500ns/DIV
3482 TA01b
Output Voltage Ripple


Similar Part No. - LT3482

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3482 LINER-LT3482 Datasheet
196Kb / 12P
90V Boost DC/DC Converter with APD Current Monitor
LT3482EUD-PBF LINER-LT3482EUD-PBF Datasheet
196Kb / 12P
90V Boost DC/DC Converter with APD Current Monitor
LT3482EUD-TRPBF LINER-LT3482EUD-TRPBF Datasheet
196Kb / 12P
90V Boost DC/DC Converter with APD Current Monitor
LT3482IUD LINER-LT3482IUD Datasheet
196Kb / 12P
90V Boost DC/DC Converter with APD Current Monitor
LT3482IUD-PBF LINER-LT3482IUD-PBF Datasheet
196Kb / 12P
90V Boost DC/DC Converter with APD Current Monitor
More results

Similar Description - LT3482

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15031 MAXIM-MAX15031 Datasheet
379Kb / 16P
80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/08
logo
Linear Technology
LT3482 LINER-LT3482 Datasheet
196Kb / 12P
90V Boost DC/DC Converter with APD Current Monitor
logo
Maxim Integrated Produc...
MAX15031 MAXIM-MAX15031_09 Datasheet
477Kb / 17P
80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 2; 6/09
MAX15061 MAXIM-MAX15061 Datasheet
414Kb / 16P
80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/09
logo
Monolithic Power System...
MP3430 MPS-MP3430 Datasheet
1,012Kb / 15P
90V Step-Up Converter with APD Current Monitor
logo
Taiwan Memory Technolog...
I7990N TMT-I7990N Datasheet
26Kb / 1P
Boost Converter and Current Monitor for APD
logo
Linear Technology
LT3905 LINER-LT3905_15 Datasheet
257Kb / 18P
Boost DC/DC Converter with APD Current Monitor
LT3905 LINER-LT3905 Datasheet
179Kb / 6P
Boost DC/DC Converter with APD Current Monitor
logo
Monolithic Power System...
EV3430-Q-00A MPS-EV3430-Q-00A Datasheet
370Kb / 5P
90V Step-Up Converter with APD Current Monitor Evaluation Board
logo
Shenzhen Huazhimei Semi...
HM6291 HMSEMI-HM6291 Datasheet
488Kb / 7P
current mode boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com